Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP05-2415SF Datasheet(PDF) 1 Page - Recom International Power

Part # RP05-2415SF
Description  POWERLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP05-2415SF Datasheet(HTML) 1 Page - Recom International Power

  RP05-2415SF Datasheet HTML 1Page - Recom International Power RP05-2415SF Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PO 30
www.recom-international.com
August 2002
POWERLINE - DC/DC-Converter
F-Ser., 5W, DIP24, Regul. 2:1 Wide Input Range (Single & Dual Output)
Ideal for Telecom/Networking
applications
5 Watts in DIP24 Package
2:1 Wide Input Range
Include 3.3VDC Output
19-18V, 18-36V and 36-75V
Input
Typical Efficiency up to 80%
Regulated Outputs
Low Profile, 10.2 mm Height
No Derating to 70°C
No other Components required
Over Current Protection,
Continuous
MTBF 1.131 x 106 Hours
Through Hole and SMD-Pinning
Features
Part Number (Suffix)
Input
Output
Output
Efficiency
Max. Capacitve
Range
Voltage
Current
(%)
Load
RP05-1233SF (H)
9-18 VDC
3.3 VDC
1000 mA
72
2200µF
RP05-1205SF (H)
9-18 VDC
5 VDC
1000 mA
76
1000µF
RP05-1212SF (H)
9-18 VDC
12 VDC
470 mA
80
220µF
RP05-1215SF (H)
9-18 VDC
15 VDC
400 mA
80
150µF
RP05-1205DF (H)
9-18 VDC
±5 VDC
±500 mA
76
±680µF
RP05-1212DF (H)
9-18 VDC
±12 VDC
±230 mA
80
±100µF
RP05-1215DF (H)
9-18 VDC
±15 VDC
±190 mA
80
±68µF
RP05-2433SF (H)
18-36VDC
3.3 VDC
1000 mA
72
2200µF
RP05-2405SF (H)
18-36VDC
5 VDC
1000 mA
77
1000µF
RP05-2412SF (H)
18-36VDC
12 VDC
470 mA
80
220µF
RP05-2415SF (H)
18-36VDC
15 VDC
400 mA
80
150µF
RP05-2405DF (H)
18-36VDC
±5 VDC
±500 mA
78
±680µF
RP05-2412DF (H)
18-36VDC
±12 VDC
±230 mA
81
±100µF
RP05-2415DF (H)
18-36VDC
±15 VDC
±190 mA
81
±68µF
RP05-4833SF (H)
36-75VDC
3.3 VDC
1000 mA
72
2200µF
RP05-4805SF (H)
36-75VDC
5 VDC
1000 mA
78
1000µF
RP05-4812SF (H)
36-75VDC
12 VDC
470 mA
81
220µF
RP05-4815SF (H)
36-75VDC
15 VDC
400 mA
81
150µF
RP05-4805DF (H)
36-75VDC
±5 VDC
±500 mA
78
±680µF
RP05-4812DF (H)
36-75VDC
±12 VDC
±230 mA
81
±100µF
RP05-4815DF (H)
36-75VDC
±15 VDC
±190 mA
81
±68µF
Selection Guide 12V, 24V and 48V Input Types


Similar Part No. - RP05-2415SF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP05-2415SF RECOM-RP05-2415SF Datasheet
99Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
More results

Similar Description - RP05-2415SF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-2433SG RECOM-RP40-2433SG Datasheet
110Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP03-240SH RECOM-RP03-240SH Datasheet
93Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP100-483305DS RECOM-RP100-483305DS Datasheet
136Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP30-2418SE RECOM-RP30-2418SE Datasheet
113Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP20-2415SF RECOM-RP20-2415SF Datasheet
125Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP05-2405SEW RECOM-RP05-2405SEW Datasheet
96Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP60-1233SE RECOM-RP60-1233SE Datasheet
94Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP08-1233SA RECOM-RP08-1233SA Datasheet
93Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP05-1233SE RECOM-RP05-1233SE Datasheet
96Kb / 2P
   POWERLINE - DC/DC - CONVERTER
RP30-2418SEW RECOM-RP30-2418SEW Datasheet
273Kb / 3P
   POWERLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com