Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVCA406DGGR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVCA406DGGR
Description  MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406DGGR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AVCA406DGGR Datasheet HTML 4Page - Texas Instruments SN74AVCA406DGGR Datasheet HTML 5Page - Texas Instruments SN74AVCA406DGGR Datasheet HTML 6Page - Texas Instruments SN74AVCA406DGGR Datasheet HTML 7Page - Texas Instruments SN74AVCA406DGGR Datasheet HTML 8Page - Texas Instruments SN74AVCA406DGGR Datasheet HTML 9Page - Texas Instruments SN74AVCA406DGGR Datasheet HTML 10Page - Texas Instruments SN74AVCA406DGGR Datasheet HTML 11Page - Texas Instruments SN74AVCA406DGGR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
www.ti.com
SN74AVCA406
MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card
±15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SCES615H – OCTOBER 2004 – REVISED JANUARY 2007
Configuration 1c - Interfacing With SD/SDIO Card or MMC
(SPI Mode)
Table 4. SD/SDIO Card or MMC
SIGNAL NAME
PIN
PIN
PIN
OR
PIN FUNCTION
NO.
NAME
TYPE
(CONNECTION)
A1
VCCA
VCCA
A-port supply voltage. VCCA powers all A-port I/Os and control inputs.
Power
B1
10A1
SCLK.h
Serial clock signal from host
Input
Serial data in (master out slave in) connected to host. Connect 9DIR to VCCA to make 9A
C1
9A
DI.h
I/O
an input.
D1
9DIR
(tie-high)
Direction control for 9A/9B. Tie high to make 9A an input and 9B an output.
Input
E1
78DIR
(tie-high)
Direction control for 7A/7B and 8A/8B. Not used in this mode. Tie to VCCA.
Input
F1
7A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
G1
VCCA
VCCA
A-port supply voltage. VCCA powers all A-port I/Os and control inputs.
Power
A2
2A
CS.h
Card select connected to host. Connect 2DIR to VCCA to make 2A an input.
I/O
B2
3A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
C2
10A2
DNU
Clock feedback to host. Not used in this mode. Leave unconnected.
Output
D2
4A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
E2
6A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
F2
8A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
G2
5A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
8
Submit Documentation Feedback


Similar Part No. - SN74AVCA406DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406DGGR TI-SN74AVCA406DGGR Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406DGGR TI1-SN74AVCA406DGGR Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406DGGRE4 TI-SN74AVCA406DGGRE4 Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results

Similar Description - SN74AVCA406DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406_07 Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com