Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP03-1212SB Datasheet(PDF) 3 Page - Recom International Power

Part # RP03-1212SB
Description  3 Watt DIP24 & SMD, Single, Dual & Dual Isolated Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP03-1212SB Datasheet(HTML) 3 Page - Recom International Power

  RP03-1212SB Datasheet HTML 1Page - Recom International Power RP03-1212SB Datasheet HTML 2Page - Recom International Power RP03-1212SB Datasheet HTML 3Page - Recom International Power RP03-1212SB Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
172
www.recom-international.com
April-2005
Specifications (typical at nominal input and 25°C unless otherwise noted)
Notes :
POWERLINE
DC/DC-Converter
RP03-S_DB
(DB/DS) Series
1. The RP03 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under
no-load condition will not damage these devices, however they may not meet all listed specification.
2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
3. M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard version.
4. Maximum value at nominal input voltage and full load of standard type.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistor load.
7. Should an O/O isolation be required, please order the converter with the following part number: RP03-XXXXDB/DS.
8. The “M1” version (RP03-xxxxSB-M1 / RP03-xxxxDB-M1) and the dual-isolated-output-version (RP03-xxxxDS) do not carry the UL certification.
9. See application notes for EMI-filtering.
Isolation Voltage
In to out
500VDC min.
I/O to case
DIP at SMD type
500VDC min.
Output to Output
/DS type
500VDC min.
Isolation Resistance
109
Ω min.
Isolation Capacitance
300pF max.
Operating Frequency
300kHz typ.
Approved to Safety Standards
UL 1950, EN60950
Operating Temperature Range
Standard
-25°C to +85°C (with derating)
M1 (see note 3)
-40°C to +85°C (non-derating)
Maximum Case Temperature
+100°C
Storage Temperature Range
-55°C to +105°C
Thermal Impedance
Natural convection
20°C/Watt
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 2G, 30 Min. along X, Y and Z
Relative Humidity
5% to 95% RH
Case Material
Nickel-Coated copper
Base Material
Non-conductive black plastic
Potting Material
Epoxy (UL94-V0)
Conducted Emissions
EN55022
Level A
Radiated Emissions
EN55022
Level A
ESD
EN61000-4-2
Perf. Criteria 2
Radiated Immunity
EN61000-4-3
Perf. Criteria 2
Fast Transient
EN61000-4-4
Perf. Criteria 2
Surge
EN61000-4-5
Perf. Criteria 2
Conducted Immunity
EN61000-4-6
Perf. Criteria 2
Weight
DIP
16g
SMD
18g
Dimensions
DIP
31.8 x 20.3 x 10.2mm
SMD
32.0 x 20.3 x 10.9mm
MTBF (see note 2)
3.069 x 106 Hours


Similar Part No. - RP03-1212SB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP03-1212SA RECOM-RP03-1212SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-1212SC RECOM-RP03-1212SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-1212SE RECOM-RP03-1212SE Datasheet
102Kb / 4P
   3 Watt DIP4 & SMD, Single & Dual Isolated Output
RP03-1212SG RECOM-RP03-1212SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-1212SH RECOM-RP03-1212SH Datasheet
93Kb / 2P
   POWERLINE - DC/DC - CONVERTER
More results

Similar Description - RP03-1212SB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-050505DRWI RECOM-REC3-050505DRWI Datasheet
85Kb / 2P
   3 Watt DIP24 Isolated Dual Output
REC3-050505DRWI RECOM-REC3-050505DRWI_07 Datasheet
68Kb / 2P
   3 Watt DIP24 Isolated Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DRW RECOM-REC3-S-DRW Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-2405SD RECOM-RP03-2405SD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-1205SC RECOM-RP03-1205SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com