Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVC2T45DCTTE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AVC2T45DCTTE4
Description  DUAL-BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC2T45DCTTE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVC2T45DCTTE4 Datasheet HTML 3Page - Texas Instruments SN74AVC2T45DCTTE4 Datasheet HTML 4Page - Texas Instruments SN74AVC2T45DCTTE4 Datasheet HTML 5Page - Texas Instruments SN74AVC2T45DCTTE4 Datasheet HTML 6Page - Texas Instruments SN74AVC2T45DCTTE4 Datasheet HTML 7Page - Texas Instruments SN74AVC2T45DCTTE4 Datasheet HTML 8Page - Texas Instruments SN74AVC2T45DCTTE4 Datasheet HTML 9Page - Texas Instruments SN74AVC2T45DCTTE4 Datasheet HTML 10Page - Texas Instruments SN74AVC2T45DCTTE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVC2T45
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES531J – DECEMBER 2003 – REVISED JUNE 2007
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.7
0.5
5.2
0.4
4.3
0.2
3.4
0.2
3.1
A
B
ns
tPHL
2.7
0.5
5.2
0.4
4.3
0.2
3.4
0.2
3.1
tPLH
2.4
0.7
4.7
0.5
4.4
0.5
4
0.4
3.8
B
A
ns
tPHL
2.4
0.7
4.7
0.5
4.4
0.5
4
0.4
3.8
tPHZ
3.7
1.3
8.1
0.7
6.9
1.4
5.3
1.1
5.2
DIR
A
ns
tPLZ
3.7
1.3
8.1
0.7
6.9
1.4
5.3
1.1
5.2
tPHZ
4.4
1.3
5.8
1.3
5.9
0.8
5.7
1.5
5.9
DIR
B
ns
tPLZ
4.4
1.3
5.8
1.3
5.9
0.8
5.7
1.5
5.9
tPZH
(1)
6.8
10.5
10.3
9.7
9.7
DIR
A
ns
tPZL
(1)
6.8
10.5
10.3
9.7
9.7
tPZH
(1)
6.4
13.3
11.2
8.7
8.3
DIR
B
ns
tPZL
(1)
6.4
13.3
11.2
8.7
8.3
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.6
0.4
4.9
0.2
4
0.2
3
0.2
2.6
A
B
ns
tPHL
2.6
0.4
4.9
0.2
4
0.2
3
0.2
2.6
tPLH
2.1
0.6
3.8
0.5
3.4
0.4
3
0.3
2.8
B
A
ns
tPHL
2.1
0.6
3.8
0.5
3.4
0.4
3
0.3
2.8
tPHZ
2.4
0.7
7.9
0.8
6.4
0.8
5
0.5
4.3
DIR
A
ns
tPLZ
2.4
0.7
7.9
0.8
6.4
0.8
5
0.5
4.3
tPHZ
3.8
1
4.3
0.6
4.3
0.5
4.2
1.1
4.1
DIR
B
ns
tPLZ
3.8
1
4.3
0.6
4.3
0.5
4.2
1.1
4.1
tPZH
(1)
5.9
8.5
7.7
7.2
6.9
DIR
A
ns
tPZL
(1)
5.9
8.5
7.7
7.2
6.9
tPZH
(1)
5
12.8
10.4
8
6.9
DIR
B
ns
tPZL
(1)
5
12.8
10.4
8
6.9
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
7
Submit Documentation Feedback


Similar Part No. - SN74AVC2T45DCTTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC2T45DCTTE4 TI-SN74AVC2T45DCTTE4 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVC2T45DCTTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T245 TI1-SN74AVC4T245_17 Datasheet
1Mb / 35P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC4T245 TI1-SN74AVC4T245_18 Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Bit Bus Transceiver with Configurable Voltage Translation and 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com