Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EP1AGX35C Datasheet(PDF) 31 Page - Altera Corporation

Part No. EP1AGX35C
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX35C Datasheet(HTML) 31 Page - Altera Corporation

Back Button EP1AGX35C Datasheet HTML 26Page - Altera Corporation EP1AGX35C Datasheet HTML 27Page - Altera Corporation EP1AGX35C Datasheet HTML 28Page - Altera Corporation EP1AGX35C Datasheet HTML 29Page - Altera Corporation EP1AGX35C Datasheet HTML 30Page - Altera Corporation EP1AGX35C Datasheet HTML 31Page - Altera Corporation EP1AGX35C Datasheet HTML 32Page - Altera Corporation EP1AGX35C Datasheet HTML 33Page - Altera Corporation EP1AGX35C Datasheet HTML 34Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
1–31
Package
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Package
The EPC16 enhanced configuration device is available in both the 88-pin UFBGA
package and the 100-pin PQFP package. The UFBGA package, which is based on
0.8-mm ball pitch, maximizes board space efficiency. A board can be laid out for this
package using a single PCB layer. The EPC8 and EPC4 devices are available in the
100-pin PQFP package.
Enhanced configuration devices support vertical migration in the 100-pin PQFP
package.
Table 1–17. Enhanced Configuration Device DC Operating Conditions
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Supplies voltage to core
3.0
3.3
3.6
V
VIH
High-level input voltage
2.0
VCC +
0.3
V
VIL
Low-level input voltage
0.8
V
VOH
3.3-V mode high-level TTL output
voltage
IOH = –4 mA
2.4
V
3.3-V mode high-level CMOS
output voltage
IOH = –0.1 mA
VCC
0.2
——
V
VOL
Low-level output voltage TTL
IOL = –4 mA DC
0.45
V
Low-level output voltage CMOS
IOL = –0.1 mA DC
0.2
V
II
Input leakage current
VI = VCC or ground
–10
10
A
IOZ
Tri-state output off-state current
VO = VCC or ground
–10
10
A
Table 1–18. Enhanced Configuration Device ICC Supply Current Values
Symbol
Parameter
Condition
Min
Typ
Max
Unit
ICC0
Current (standby)
50
150
A
ICC1
VCC supply current (during
configuration)
60
90
mA
ICCW
VCCW supply current
(1)
(1)
Note to Table 1–18:
(1) For VCCW supply current information, refer to the appropriate flash memory data sheet at www.altera.com.
Table 1–19. Enhanced Configuration Device Capacitance
Symbol
Parameter
Condition
Min
Max
Unit
CIN
Input pin capacitance
10
pF
COUT
Output pin capacitance
10
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn