Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EP1AGX35C Datasheet(PDF) 23 Page - Altera Corporation

Part No. EP1AGX35C
Description  1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX35C Datasheet(HTML) 23 Page - Altera Corporation

Back Button EP1AGX35C Datasheet HTML 19Page - Altera Corporation EP1AGX35C Datasheet HTML 20Page - Altera Corporation EP1AGX35C Datasheet HTML 21Page - Altera Corporation EP1AGX35C Datasheet HTML 22Page - Altera Corporation EP1AGX35C Datasheet HTML 23Page - Altera Corporation EP1AGX35C Datasheet HTML 24Page - Altera Corporation EP1AGX35C Datasheet HTML 25Page - Altera Corporation EP1AGX35C Datasheet HTML 26Page - Altera Corporation EP1AGX35C Datasheet HTML 27Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
1–23
Pin Description
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
RP#
(1)
Input
Active low flash input pin that resets the flash when asserted. When high, it
enables normal operation. When low, it inhibits write operation to the flash
memory, which provides data protection during power transitions.
This flash input is not internally connected to the controller. Hence, an external
loop-back connection between C-RP# and F-RP# must be made on the board
even when you are not using the external flash interface.
When using the external flash interface, connect the external device to the RP#
pin with the loop back. Always tri-state RP# when the flash is not in use.
OE#
Input
Active-low flash-control input that is asserted by the controller or external device
during flash read cycles. When asserted, it enables the drivers of the flash output
pins.
Leave this pin floating on the board when the external flash interface is not used.
WE#
(1)
Input
Active-low flash-write strobe asserted by the controller or external device during
flash write cycles. When asserted, it controls writes to the flash memory. In the
flash memory, addresses and data are latched on the rising edge of the WE#
pulse.
This flash input is not internally connected to the controller. Hence, an external
loop-back connection between C-WE# and F-WE# must be made on the board
even when you are not using the external flash interface.
When using the external flash interface, connect the external device to the WE#
pin with the loop back.
WP#
Input
Usually tied to VCC or ground on the board. The controller does not drive this pin
because it could cause contention.
Connection to VCC is recommended for faster block erase/programming times and
to allow programming of the flash-bottom boot block, which is required when
programming the device using the Quartus II software.
This pin should be connected to VCC even when the external flash interface is not
used.
VCCW
Supply
Block erase, full-chip erase, word write, or lock-bit configuration power supply.
Connect this pin to the 3.3-V VCC supply, even when you are not using the external
flash interface.
RY/BY#
Open-Drain Output
Flash asserts this pin when a write or erase operation is complete. This pin is not
connected to the controller. RY/BY# is only available in Sharp flash-based EPC8
and EPC16. (2)
Leave this pin floating when the external flash interface is not used.
Table 1–9. External Flash Interface Pins (Part 2 of 3)
Pin Name
Pin Type
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn