Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP03-2412SD Datasheet(PDF) 1 Page - Recom International Power

Part # RP03-2412SD
Description  3 Watt DIP24 & SMD, Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP03-2412SD Datasheet(HTML) 1 Page - Recom International Power

  RP03-2412SD Datasheet HTML 1Page - Recom International Power RP03-2412SD Datasheet HTML 2Page - Recom International Power RP03-2412SD Datasheet HTML 3Page - Recom International Power RP03-2412SD Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
178
www.recom-international.com
April-2005
3 Watt
DIP24 &
&
SMD,
Single &
&
Dual Output
POWERLINE
DC/DC-Converter
RP03-
S_DD
Series
4:1 Wide Input Voltage Range
3 Watts Regulated Output Power
1.6kVDC Isolation
Over Current Protection Continuous
Low Profile, 10.2 mm Height
No other Components required
Five-Sided EMI Shield
International Safety Standard Approvals
Standard DIP24 and SMD-Pinning
2 Year Warranty
No Derating to 71°C
UL 1950 Component Recognized
Efficiency to 78%
Features
Regulated
Converters
Selection Guide 12V, 24V and 48V Input Types
Part Number
Input
Output
Output
Input
(4)
Efficiency
(5)
Capacitive
(6)
Range
Voltage
Current
Current
Load max.
DIP24 (SMD)
VDC
VDC
mA
mA
%
µF
RP03-2405SD**
9-36
5
500
147
75
1000
RP03-2412SD**
9-36
12
250
169
78
170
RP03-2415SD**
9-36
15
200
169
78
110
RP03-4805SD**
18-75
5
500
74
75
1000
RP03-4812SD**
18-75
12
250
85
78
170
RP03-4815SD**
18-75
15
200
86
77
110
RP03-2405DD**
9-36
±5
±250
149
74
±550
RP03-2412DD**
9-36
±12
±125
172
77
±96
RP03-2415DD**
9-36
±15
±100
172
77
±47
RP03-4805DD**
18-75
±5
±250
75
74
±550
RP03-4812DD**
18-75
±12
±125
86
77
±96
RP03-4815DD**
18-75
±15
±100
85
78
±47
** add Suffix SMD for SMD package
Description
The D-Series of DC/DC Converters are fully certified to EN 60950: 2000.
This makes them ideal for all Telecom and safety applications where approved isolation is required.
They also meet UL 1950 and CSA 950 standards (10).


Similar Part No. - RP03-2412SD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP03-2412SA RECOM-RP03-2412SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-2412SB RECOM-RP03-2412SB Datasheet
104Kb / 4P
   3 Watt DIP24 & SMD, Single, Dual & Dual Isolated Output
RP03-2412SC RECOM-RP03-2412SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-2412SE RECOM-RP03-2412SE Datasheet
102Kb / 4P
   3 Watt DIP4 & SMD, Single & Dual Isolated Output
RP03-2412SG RECOM-RP03-2412SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results

Similar Description - RP03-2412SD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DRW RECOM-REC3-S-DRW Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-1205SC RECOM-RP03-1205SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRWH4 RECOM-REC3-123.3SRWH4 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DR RECOM-REC3-S-DR Datasheet
93Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-053.3SRW RECOM-REC3-053.3SRW_07 Datasheet
97Kb / 3P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com