Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G57DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G57DBVT
Description  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G57DBVT Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUP1G57DBVT Datasheet HTML 1Page - Texas Instruments SN74AUP1G57DBVT Datasheet HTML 2Page - Texas Instruments SN74AUP1G57DBVT Datasheet HTML 3Page - Texas Instruments SN74AUP1G57DBVT Datasheet HTML 4Page - Texas Instruments SN74AUP1G57DBVT Datasheet HTML 5Page - Texas Instruments SN74AUP1G57DBVT Datasheet HTML 6Page - Texas Instruments SN74AUP1G57DBVT Datasheet HTML 7Page - Texas Instruments SN74AUP1G57DBVT Datasheet HTML 8Page - Texas Instruments SN74AUP1G57DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SN74AUP1G57
SCES503I – NOVEMBER 2003 – REVISED MAY 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VI
Input voltage range(2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
4.6
V
VO
Output voltage range in the high or low state(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±50
mA
DBV package
165
DCK package
259
DRL package
142
qJA
Package thermal impedance(3)
°C/W
DSF package
300
DRY package
234
YFP/YZP package
123
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–20
mA
VCC = 1.1 V
–1.1
VCC = 1.4 V
–1.7
IOH
High-level output current
VCC = 1.65
–1.9
mA
VCC = 2.3 V
–3.1
VCC = 3 V
–4
VCC = 0.8 V
20
mA
VCC = 1.1 V
1.1
VCC = 1.4 V
1.7
IOL
Low-level output current
VCC = 1.65 V
1.9
mA
VCC = 2.3 V
3.1
VCC = 3 V
4
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G57


Similar Part No. - SN74AUP1G57DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G57DBVT TI-SN74AUP1G57DBVT Datasheet
360Kb / 16P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57DBVT TI-SN74AUP1G57DBVT Datasheet
547Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57DBVT TI1-SN74AUP1G57DBVT Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
SN74AUP1G57DBVTE4 TI-SN74AUP1G57DBVTE4 Datasheet
360Kb / 16P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57DBVTE4 TI-SN74AUP1G57DBVTE4 Datasheet
547Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74AUP1G57DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com