Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G125DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G125DBVT
Description  LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G125DBVT Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUP1G125DBVT Datasheet HTML 1Page - Texas Instruments SN74AUP1G125DBVT Datasheet HTML 2Page - Texas Instruments SN74AUP1G125DBVT Datasheet HTML 3Page - Texas Instruments SN74AUP1G125DBVT Datasheet HTML 4Page - Texas Instruments SN74AUP1G125DBVT Datasheet HTML 5Page - Texas Instruments SN74AUP1G125DBVT Datasheet HTML 6Page - Texas Instruments SN74AUP1G125DBVT Datasheet HTML 7Page - Texas Instruments SN74AUP1G125DBVT Datasheet HTML 8Page - Texas Instruments SN74AUP1G125DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN74AUP1G125
www.ti.com
SCES595J – JULY 2004 – REVISED MARCH 2010
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –20 mA
0.8 V to 3.6 V
VCC – 0.1
VCC – 0.1
IOH = –1.1 mA
1.1 V
0.75 × VCC
0.7 × VCC
IOH = –1.7 mA
1.4 V
1.11
1.03
IOH = –1.9 mA
1.65 V
1.32
1.3
VOL
V
IOH = –2.3 mA
2.05
1.97
2.3 V
IOH = –3.1 mA
1.9
1.85
IOH = –2.7 mA
2.72
2.67
3 V
IOH = –4 mA
2.6
2.55
IOL = 20 mA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3 × VCC
0.3 × VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
VOL
V
IOL = 2.3 mA
0.31
0.33
2.3 V
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
A or OE
II
VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
mA
input
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
mA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
mA
IOZ
VO = VCC or GND
3.6 V
0.1
0.5
mA
VI = GND or (VCC to 3.6 V),
ICC
0.8 V to 3.6 V
0.5
0.9
mA
OE = GND, IO = 0
A input
40
50
VI = VCC – 0.6 V
(1),
3.3 V
IO = 0
OE input
110
120
ΔICC
mA
VI = GND to 3.6 V,
All inputs
0.8 V to 3.6 V
0
0
OE = VCC
(2)
0 V
1.5
CI
VI = VCC or GND
pF
3.6 V
1.5
Co
VO = VCC or GND
3.6 V
3
pF
(1)
One input at VCC – 0.6 V, other input at VCC or GND
(2)
To show ICC is very low when the input-disable feature is enabled
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN74AUP1G125


Similar Part No. - SN74AUP1G125DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G125DBVT TI-SN74AUP1G125DBVT Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DBVT TI-SN74AUP1G125DBVT Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DBVT TI1-SN74AUP1G125DBVT Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125DBVT TI1-SN74AUP1G125DBVT Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125DBVT TI1-SN74AUP1G125DBVT Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results

Similar Description - SN74AUP1G125DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com