Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUC2G86DCTRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AUC2G86DCTRG4
Description  DUAL 2-INPUT EXCLUSIVE-OR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G86DCTRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUC2G86DCTRG4 Datasheet HTML 1Page - Texas Instruments SN74AUC2G86DCTRG4 Datasheet HTML 2Page - Texas Instruments SN74AUC2G86DCTRG4 Datasheet HTML 3Page - Texas Instruments SN74AUC2G86DCTRG4 Datasheet HTML 4Page - Texas Instruments SN74AUC2G86DCTRG4 Datasheet HTML 5Page - Texas Instruments SN74AUC2G86DCTRG4 Datasheet HTML 6Page - Texas Instruments SN74AUC2G86DCTRG4 Datasheet HTML 7Page - Texas Instruments SN74AUC2G86DCTRG4 Datasheet HTML 8Page - Texas Instruments SN74AUC2G86DCTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
3
2
5
8
1
1A
1B
GND
3
2
4
5
1
1
V
CC
V
CC
2B
1Y
1Y
1Y
1B
GND
1B
GND
2A
2Y
Seemechanicaldrawingsfordimensions.
2
5
3
4
8
2Y
2B
2B
V
CC
2A
2Y
2A
4
6
7
6
7
8
6
1
7
1A
DCTPACKAGE
(TOP VIEW)
DCUPACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOMVIEW)
A
DESCRIPTION/ORDERING INFORMATION
SN74AUC2G86
DUAL 2-INPUT EXCLUSIVE-OR GATE
SCES479B – AUGUST 2003 – REVISED JANUARY 2007
• Available in the Texas Instruments
• Low Power Consumption, 10-µA Max I
CC
NanoFree™ Package
• ±8-mA Output Drive at 1.8 V
• Optimized for 1.8-V Operation and Is 3.6-V I/O
• Latch-Up Performance Exceeds 100 mA Per
Tolerant to Support Mixed-Mode Signal
JESD 78, Class II
Operation
• ESD Protection Exceeds JESD 22
• I
off Supports Partial-Power-Down Mode
2000-V Human-Body Model (A114-A)
Operation
200-V Machine Model (A115-A)
• Sub-1-V Operable
1000-V Charged-Device Model (C101)
• Max t
pd of 1.7 ns at 1.8 V
This dual 2-input exclusive-OR gate is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V
to 1.95-V VCC operation.
The SN74AUC2G86 performs the Boolean function Y = A
⊕ B or Y = AB + AB in positive logic.
A common application is as a true/complement element. If the input is low, the other input is reproduced in true
form at the output. If the input is high, the signal on the other input is reproduced inverted at the output.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74AUC2G86YZPR
_ _ _UH_
0.23-mm Large Bump – YZP (Pb-free)
–40
°C to 85°C
SSOP – DCT
Reel of 3000
SN74AUC2G86DCTR
U86_ _ _
VSSOP – DCU
Reel of 3000
SN74AUC2G86DCUR
U86_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUC2G86DCTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G86DCTR TI-SN74AUC2G86DCTR Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
More results

Similar Description - SN74AUC2G86DCTRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
[Old version datasheet]   Dual 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Diodes Incorporated
74LVC2G86 DIODES-74LVC2G86 Datasheet
510Kb / 11P
   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com