Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM26C31IPWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # AM26C31IPWG4
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C31IPWG4 Datasheet(HTML) 1 Page - Texas Instruments

  AM26C31IPWG4 Datasheet HTML 1Page - Texas Instruments AM26C31IPWG4 Datasheet HTML 2Page - Texas Instruments AM26C31IPWG4 Datasheet HTML 3Page - Texas Instruments AM26C31IPWG4 Datasheet HTML 4Page - Texas Instruments AM26C31IPWG4 Datasheet HTML 5Page - Texas Instruments AM26C31IPWG4 Datasheet HTML 6Page - Texas Instruments AM26C31IPWG4 Datasheet HTML 7Page - Texas Instruments AM26C31IPWG4 Datasheet HTML 8Page - Texas Instruments AM26C31IPWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
FEATURES
DESCRIPTION/ORDERING INFORMATION
1
2
3
4
5
6
7
8
1A
1Y
1Z
G
2Z
2Y
2A
GND
V
CC
4A
4Y
4Z
G
3Z
3Y
3A
9
12
10
13
15
11
14
16
4
5
6
7
8
18
17
16
15
14
9
10 11 12 13
3
2
1
20 19
1Z
G
2Z
2Y
NC
NC – No internal connection
4Y
4Z
G
NC
3Z
AM26C31M. . .J OR W PACKAGE
AM26C31Q. . .D PACKAGE
AM26C31C. . .D, DB, OR NS PACKAGE
AM26C31I. . .D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
AM26C31M. . .FK PACKAGE
(TOP VIEW)
AM26C31
www.ti.com................................................................................................................................................... SLLS103M – DECEMBER 1990 – REVISED JUNE 2008
QUADRUPLE DIFFERENTIAL LINE DRIVER
• Meets or Exceeds the Requirements of
TIA/EIA-422-B and ITU Recommendation V.11
• Low Power, I
CC = 100 µA Typ
• Operates From a Single 5-V Supply
• High Speed, t
PLH = tPHL = 7 ns Typ
• Low Pulse Distortion, t
sk(p) = 0.5 ns Typ
• High Output Impedance in Power-Off
Conditions
• Improved Replacement for AM26LS31
• Available in Q-Temp Automotive
High-Reliability Automotive Applications
Configuration Control/Print Support
Qualification to Automotive Standards
The AM26C31 is a differential line driver with
complementary
outputs,
designed
to
meet
the
requirements of TIA/EIA-422-B and ITU (formerly
CCITT).
The
3-state
outputs
have
high-current
capability
for
driving
balanced
lines,
such
as
twisted-pair or parallel-wire transmission lines, and
they
provide
the
high-impedance
state
in
the
power-off
condition.
The
enable
functions
are
common to all four drivers and offer the choice of an
active-high (G) or active-low (G) enable input.
BiCMOS circuitry reduces power consumption without
sacrificing speed.
The AM26C31C is characterized for operation from 0°C to 70°C, the AM26C31I is characterized for operation
from –40°C to 85°C, the AM26C31Q is characterized for operation over the automotive temperature range of
–40°C to 125°C, and the AM26C31M is characterized for operation over the full military temperature range of
–55°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1990–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AM26C31IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C31IPWG4 TI-AM26C31IPWG4 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31IPWG4 TI1-AM26C31IPWG4 Datasheet
1Mb / 33P
[Old version datasheet]   AM26C31 Quadruple Differential Line Driver
More results

Similar Description - AM26C31IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com