Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUC1G66DCKRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC1G66DCKRE4
Description  SINGLE BILATERAL ANALOG SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G66DCKRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUC1G66DCKRE4 Datasheet HTML 1Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 2Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 3Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 4Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 5Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 6Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 7Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 8Page - Texas Instruments SN74AUC1G66DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FEATURES
Seemechanicaldrawingsfordimensions.
NC– Nointernalconnection
DBVPACKAGE
(TOP VIEW)
5
1
V
CC
A
2
B
3
4
GND
C
DCKPACKAGE
(TOP VIEW)
2
B
3
4
GND
V
CC
5
A
C
1
YZP PACKAGE
(BOTTOMVIEW)
2
B
V
CC
1 5
A
GND
4
3
C
DRY PACKAGE
(TOP VIEW)
B
NC
A
6
5
4
2
3
GND
C
V
CC
1
PR
EVIE
W
DESCRIPTION/ORDERING INFORMATION
SN74AUC1G66
www.ti.com .......................................................................................................................................................... SCES386L – MARCH 2002 – REVISED JULY 2009
SINGLE BILATERAL ANALOG SWITCH
2
• Available in the Texas Instruments NanoFree™
• Low On-State Impedance – Typically 9 Ω
Package
(VCC = 2.3 V)
• Wide V
CC Range of 0.8 V to 2.7 V
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• Sub-1-V Operable
• ESD Protection Exceeds JESD 22
• Low Power Consumption, 10-µA Max I
CC
2000-V Human-Body Model (A114-A)
• High On-Off Output Voltage Ratio
200-V Machine Model (A115-A)
• High Degree of Linearity
1000-V Charged-Device Model (C101)
• High Speed – Max 0.2 ns (V
CC = 1.8 V,
CL = 15 pF)
This single analog switch is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V to 1.95-V
VCC operation.
The SN74AUC1G66 can handle both analog and digital signals. The combined AC and DC signal has to be
between VCC and GND for it to be transmitted in either direction.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for
analog-to-digital and digital-to-analog conversion systems.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2002–2009, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUC1G66DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G66DCKR TI-SN74AUC1G66DCKR Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AUC1G66DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66 Datasheet
387Kb / 17P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74AUC1G66 TI-SN74AUC1G66_15 Datasheet
894Kb / 20P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1 Datasheet
187Kb / 11P
[Old version datasheet]   SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_15 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66 TI1-SN74LVC1G66_16 Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC1G66 Single Bilateral Analog Switch
SN74LVC1G66-Q1 TI-SN74LVC1G66-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   SN74LVC1G66-Q1 Single Bilateral Analog Switch
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com