Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC5-1212SRWL Datasheet(PDF) 1 Page - Recom International Power

Part # REC5-1212SRWL
Description  ECONOLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5-1212SRWL Datasheet(HTML) 1 Page - Recom International Power

  REC5-1212SRWL Datasheet HTML 1Page - Recom International Power REC5-1212SRWL Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
EC 83
August 2002
Selection Guide
ECONOLINE - DC/DC-Converter
REC8-S/DRWL-Series, 8W, 1“x 2“, Regulated, Wide Input 2:1 & 4:1 (Single & Dual Output)
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
16.0
4.0
8.0
100
50
0
-25
70
125
Operating Temperature ˚C
0
25
75
90
12.0
Safe Operating Area
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
1“ x 2“
(VDC)
(VDC)
(mA)
(%)
REC8-XX05SRWL
9-18, 18-36, 36-72
5
1600
75
REC8-XX09SRWL
9-18, 18-36, 36-72
9
888
82
REC8-XX12SRWL
9-18, 18-36, 36-72
12
670
82
REC8-XX15SRWL
9-18, 18-36, 36-72
15
533
83
REC8-XX05DRWL
9-18, 18-36, 36-72
±5
±800
77
REC8-XX09DRWL
9-18, 18-36, 36-72
±09
±444
82
REC8-XX12DRWL
9-18, 18-36, 36-72
±12
±335
82
REC8-XX15DRWL
9-18, 18-36, 36-72
±15
±267
83
XX = 9-18Vin = 12
XX =18-36Vin = 24
XX =36-72Vin = 48
Voltage Setting Accuracy
±1% max.
Temperature Coefficient
±0.02%/°C
Ripple and Noise (20MHz BW)
100mVp-p max.
Line Regulation (HL-LL)
0.2% max.
Load Regulation (Rated Load to no Load)
0.5% max.
Voltage Stability (24 Hrs)
±0.05%
Short Circuit Protection
Continuous
Cooling
Free-Air Convection
Input Filter
Pi Network
Efficiency
70% min.
Isolation Voltage (Tested for 60 Seconds)
1.000VDC min.
Isolation Resistance
109 ohms min.
Switching Frequency at Full Load
50kHz min.
Operating Temperature
-25°C to +70°C (see Graph)
Storage Temperature
-40°C to +100°C
Case Material
Metal Case
8W DIL Package
9-18V, 18-36V, 36-72V
Wide Input Range
Short Circuit Protection
Regulated Output
100% Burned In
UL94V-0 Package Material
Efficiency to 83%
Features


Similar Part No. - REC5-1212SRWL

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-1212SRWLZ RECOM-REC5-1212SRWLZ Datasheet
79Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results

Similar Description - REC5-1212SRWL

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com