Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4558PSRE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # RC4558PSRE4
Description  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4558PSRE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button RC4558PSRE4 Datasheet HTML 7Page - Texas Instruments RC4558PSRE4 Datasheet HTML 8Page - Texas Instruments RC4558PSRE4 Datasheet HTML 9Page - Texas Instruments RC4558PSRE4 Datasheet HTML 10Page - Texas Instruments RC4558PSRE4 Datasheet HTML 11Page - Texas Instruments RC4558PSRE4 Datasheet HTML 12Page - Texas Instruments RC4558PSRE4 Datasheet HTML 13Page - Texas Instruments RC4558PSRE4 Datasheet HTML 14Page - Texas Instruments RC4558PSRE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
27-May-2010
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
RC4558PWRE4
ACTIVE
TSSOP
PW
8
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Contact TI Distributor
or Sales Office
RC4558PWRG4
ACTIVE
TSSOP
PW
8
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Contact TI Distributor
or Sales Office
RC4558Y
OBSOLETE
DIESALE
Y
0
TBD
Call TI
Call TI
Samples Not Available
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - RC4558PSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558PSRE4 TI-RC4558PSRE4 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results

Similar Description - RC4558PSRE4

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1458 NEC-UPC1458 Datasheet
306Kb / 10P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_07 Datasheet
408Kb / 7P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
MC1558 TI1-MC1558 Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558 TI1-RC4558 Datasheet
1Mb / 31P
[Old version datasheet]   Dual General-Purpose Operational Amplifier
MC1558-DIE TI1-MC1558-DIE Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558 Datasheet
123Kb / 5P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
RC4558 TI-RC4558_06 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com