Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS1DBVRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS1DBVRG4
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS1DBVRG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDS1DBVRG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS1DBVRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS1DBVRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS1DBVRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS1DBVRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS1DBVRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS1DBVRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS1DBVRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS1DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DESCRIPTION CONTINUED
INPUT
OUTPUTS
D
H
L
Open
Y
Z
H
L
L
L
H
H
DRIVER
INPUTS
OUTPUT
R
H
?
L
VID = VA − VB
VID ≥ 100 mV
−100 mV < VID < 100 mV
VID ≤ −100 mV
Open
H
H = high level, L = low level , ? = indeterminate
RECEIVER
FUNCTION TABLES
DRIVER EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
300 k
50
VCC
7 V
D Input
5
10 k
7 V
Y or Z
Output
VCC
SN65LVDS1
SN65LVDS2
SN65LVDT2
SLLS373K – JULY 1999 – REVISED NOVEMBER 2008.................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
When the SN65LVDS1 is used with an LVDS receiver (such as the SN65LVDT2) in a point-to-point connection,
data or clocking signals can be transmitted over printed-circuit-board traces or cables at very high rates with very
low electromagnetic emissions and power consumption. The packaging, low power, low EMI, high ESD
tolerance, and wide supply voltage range make the device ideal for battery-powered applications.
The SN65LVDS1, SN65LVDS2, and SN65LVDT2 are characterized for operation from –40°C to 85°C.
2
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated
Product Folder Link(s): SN65LVDS1 SN65LVDS2 SN65LVDT2


Similar Part No. - SN65LVDS1DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1DBVRG4 TI-SN65LVDS1DBVRG4 Datasheet
282Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS1DBVRG4 TI-SN65LVDS1DBVRG4 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS1DBVRG4 TI1-SN65LVDS1DBVRG4 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results

Similar Description - SN65LVDS1DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com