Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT2
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT2 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDT2 Datasheet HTML 1Page - Texas Instruments SN65LVDT2 Datasheet HTML 2Page - Texas Instruments SN65LVDT2 Datasheet HTML 3Page - Texas Instruments SN65LVDT2 Datasheet HTML 4Page - Texas Instruments SN65LVDT2 Datasheet HTML 5Page - Texas Instruments SN65LVDT2 Datasheet HTML 6Page - Texas Instruments SN65LVDT2 Datasheet HTML 7Page - Texas Instruments SN65LVDT2 Datasheet HTML 8Page - Texas Instruments SN65LVDT2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DRIVER ELECTRICAL CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
SN65LVDS1
SN65LVDS2
SN65LVDT2
www.ti.com.................................................................................................................................................... SLLS373K – JULY 1999 – REVISED NOVEMBER 2008
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX
UNIT
RL = 100 Ω, 2.4 ≤ VCC <3 V
200
350
454
|VOD|
Differential output voltage magnitude
RL = 100 Ω, 3 ≤ VCC <3.6 V
247
350
454
mV
Change in differential output voltage magnitude
Δ|VOD|
See Figure 2
–50
50
between logic states
VOC(SS)
Steady-state common-mode output voltage
1.125
1.375
V
Change in steady-state common-mode output voltage
ΔVOC(SS)
See Figure 2
–50
50
mV
between logic states
VOC(PP)
Peak-to-peak common-mode output voltage
25
100
mV
VI = 0 V or VCC, No load
2
4
ICC
Supply current
mA
VI = 0 V or VCC, RL = 100 Ω
5.5
8
IIH
High-level input current
VIH = 5 V
2
20
µA
IIL
Low-level input current
VIL = 0.8 V
2
10
µA
VOY or VOZ = 0 V
3
10
IOS
Short-circuit output current
mA
VOD = 0 V
10
IO(OFF)
Power-off output current
VCC = 1.5 V, VO = 3.6 V
–1
1
µA
Ci
Input capacitance
VI = 0.4 Sin (4E6πt)+0.5 V
3
pF
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as a minimum, is used in this data sheet.
(2)
All typical values are at 25°C and with a 3.3-V supply.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1.5
3.1
ns
tPHL
Propagation delay time, high-to-low-level output
1.8
3.1
ns
RL = 100 Ω, CL = 10 pF,
tr
Differential output signal rise time
0.6
1
ns
See Figure 5
tf
Differential output signal fall time
0.7
1
ns
tsk(p)
Pulse skew (|tPHL - tPLH|)
(2)
0.3
ns
(1)
All typical values are at 25°C and with a 3.3-V supply.
(2)
tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output.
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65LVDS1 SN65LVDS2 SN65LVDT2


Similar Part No. - SN65LVDT2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDT2 TI-SN65LVDT2 Datasheet
282Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDT2 TI-SN65LVDT2 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDT2 TI1-SN65LVDT2 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
SN65LVDT250 TI-SN65LVDT250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVDT2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com