Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65EPT23DGKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65EPT23DGKR
Description  3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65EPT23DGKR Datasheet(HTML) 1 Page - Texas Instruments

  SN65EPT23DGKR Datasheet HTML 1Page - Texas Instruments SN65EPT23DGKR Datasheet HTML 2Page - Texas Instruments SN65EPT23DGKR Datasheet HTML 3Page - Texas Instruments SN65EPT23DGKR Datasheet HTML 4Page - Texas Instruments SN65EPT23DGKR Datasheet HTML 5Page - Texas Instruments SN65EPT23DGKR Datasheet HTML 6Page - Texas Instruments SN65EPT23DGKR Datasheet HTML 7Page - Texas Instruments SN65EPT23DGKR Datasheet HTML 8Page - Texas Instruments SN65EPT23DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
8
2
7
3
6
4
5
D0
Q0
Q1
V
CC
D0
D1
GND
D1
LVPECL
LVTTL
+
+
+
+
+
SN65EPT23
www.ti.com
SLLS969 – NOVEMBER 2009
3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
Check for Samples: SN65EPT23
1
FEATURES
PINOUT ASSIGNMENT
Dual 3.3 V Differential LVPECL/LVDS to
LVTTL/LVCMOS Buffer Translator
24 mA LVTTL Ouputs
Operating Range
VCC = 3.0 V to 3.6 V
GND = 0 V
Support for Clock Frequencies > 300 MHz
2.0 ns Typical Propagation Delay
Built-in Temperature Compensation
Drop in Compatible to MC100EPT23
APPLICATIONS
Data and Clock Transmission Over Backplane
Table 1. PIN DESCRIPTION
Signaling Level Conversion for Clock or Data
PIN
FUNCTION
Q0, Q1
LVTTL/LVCMOS Outputs
DESCRIPTION
D0, D 0, D1, D 1
Differential LVPECL/LVDS/CML Inputs
The SN65EPT23 is a low power dual LVPECL/LVDS
VCC
Positive Supply
to LVTTL/LVCMOS translator device. The device
includes circuitry to maintain inputs at Vcc/2 when left
GND
Ground
open. The SN65EPT23 is housed in an industry
EP
Exposed pad must be connected to a
standard SOIC-8 package and is also available in
sufficient thermal conduit. Electrically
connect to the most negative supply or
TSSOP-8 option.
leave floating open.
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
LEAD FINISH
SN65EPT23D/DR
EPT23
SOIC
NiPdAu
SN65EPT23DGK/DGKR
SSTI
MSOP
NiPdAu
(1)
Leaded device option not initially available; contact TI sales representative for further information.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65EPT23DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT23DGKR TI-SN65EPT23DGKR Datasheet
254Kb / 10P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
More results

Similar Description - SN65EPT23DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT23 TI-SN65EPT23 Datasheet
254Kb / 10P
[Old version datasheet]   3.3V ECL Differential LVPECL/LVDS to LVTTL/LVCMOS Translator
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Potato Semiconductor Co...
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com