Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1793D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1793D
Description  Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1793D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD1793D Datasheet HTML 2Page - Texas Instruments SN65HVD1793D Datasheet HTML 3Page - Texas Instruments SN65HVD1793D Datasheet HTML 4Page - Texas Instruments SN65HVD1793D Datasheet HTML 5Page - Texas Instruments SN65HVD1793D Datasheet HTML 6Page - Texas Instruments SN65HVD1793D Datasheet HTML 7Page - Texas Instruments SN65HVD1793D Datasheet HTML 8Page - Texas Instruments SN65HVD1793D Datasheet HTML 9Page - Texas Instruments SN65HVD1793D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
60
1%
W ±
V
OD
0Vor3V
_
+
–20V<V(test)<25V
DE
V
CC
A
B
D
375
1%
W ±
375
1%
W ±
S0301-01
V
OC
27
1%
W ±
27
1%
W ±
Input
A
B
V
A
V
B
V
OC(PP)
DVOC(SS)
V
OC
C =50pF
L
±20%
D
A
B
DE
V
CC
C IncludesFixtureand
L
InstrumentationCapacitance
S0302-01
SN65HVD1785, SN65HVD1786
SN65HVD1787, SN65HVD1791
SN65HVD1792, SN65HVD1793
SLLS872H – JANUARY 2008 – REVISED FEBRUARY 2010
www.ti.com
THERMAL INFORMATION
PARAMETER
TEST CONDITIONS
VALUE
UNIT
JEDEC high-K model
138
SOIC-8
JEDEC low-K model
242
JEDEC high-K model
59
RqJA Junction-to-ambient thermal resistance (no airflow)
DIP-8
°C/W
JEDEC low-K model
128
JEDEC high-K model
95
SOIC-14
JEDEC low-K model
168
SOIC-8
62
RqJB Junction-to-board thermal resistance
DIP-8
39
°C/W
SOIC-14
40
SOIC-8
61
RqJC Junction-to-case thermal resistance
DIP-8
61
°C/W
SOIC-14
44
VCC = 5.5 V, TJ = 150°C, RL = 300 Ω,
85, 91
CL = 50 pF (driver), CL = 15 pF (receiver)
290
5-V supply, unterminated(1)
85, 91
VCC = 5.5 V, TJ = 150°C, RL = 100 Ω,
CL = 50 pF (driver), CL = 15 pF (receiver)
86
320
5-V supply, RS-422 load(1)
PD
Power dissipation
mW
87
85, 91
VCC = 5.5 V, TJ = 150°C, RL = 54 Ω,
400
CL = 50 pF (driver), CL = 15 pF (receiver)
86
5-V supply, RS-485 load(1)
87
TSD
Thermal-shutdown junction temperature
170
°C
(1)
Driver and receiver enabled, 50% duty cycle square-wave signal at signaling rate: HVD1785, 1791 at 115 kbps, HVD1786 at 1 Mbps,
HVD1787 at 10 Mbps)
PARAMETER MEASUREMENT INFORMATION
Input generator rate is 100 kbps, 50% duty cycle, rise and fall times less than 6 nsec, output impedance 50
Ω.
Figure 1. Measurement of Driver Differential Output Voltage With Common-Mode Load
Figure 2. Measurement of Driver Differential and Common-Mode Output With RS-485 Load
6
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD1785, SN65HVD1786 SN65HVD1787, SN65HVD1791 SN65HVD1792, SN65HVD1793


Similar Part No. - SN65HVD1793D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1793D TI-SN65HVD1793D Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1793D TI-SN65HVD1793D Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1793DR TI-SN65HVD1793DR Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1793DR TI-SN65HVD1793DR Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results

Similar Description - SN65HVD1793D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com