Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1785DG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1785DG4
Description  Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1785DG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD1785DG4 Datasheet HTML 1Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 2Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 3Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 4Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 5Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD1785DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
V
upto70V
FAULT
M0092-01
SN65HVD1785, SN65HVD1786
SN65HVD1787, SN65HVD1791
SN65HVD1792, SN65HVD1793
www.ti.com
SLLS872H – JANUARY 2008 – REVISED FEBRUARY 2010
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
Check for Samples: SN65HVD1785, SN65HVD1786, SN65HVD1787, SN65HVD1791, SN65HVD1792, SN65HVD1793
1
FEATURES
Bus-Pin Fault Protection to:
Failsafe Receiver for Open-Circuit,
Short-Circuit and Idle-Bus Conditions
> ±70 V ('HVD1785, 86,91,92)
Low Power Consumption
> ±30 V ('HVD1787, 93)
Low Standby Supply Current, 1 mA Typ
Common-Mode Voltage Range (–20 V to 25 V)
More Than Doubles TIA/EIA 485 Requirement
ICC 5 mA Quiescent During Operation
Bus I/O Protection
Power-Up, Power-Down Glitch-Free Operation
±16 kV JEDEC HBM Protection
APPLICATIONS
Reduced Unit Load for Up to 256 Nodes
Designed for RS-485 and RS-422 Networks
DESCRIPTION
These devices are designed to survive overvoltage faults such as direct shorts to power supplies, mis-wiring
faults, connector failures, cable crushes, and tool mis-applications. They are also robust to ESD events, with high
levels of protection to human-body model specifications.
These devices combine a differential driver and a differential receiver, which operate from a single power supply.
In the 'HVD1785, 'HVD1786, and 'HVD1787, the driver differential outputs and the receiver differential inputs are
connected internally to form a bus port suitable for half-duplex (two-wire bus) communication. In the 'HVD1793,
the driver differential outputs and the receiver differential inputs are separate pins, to form a bus port suitable for
full-duplex (four-wire bus) communication. These ports feature a wide common-mode voltage range, making the
devices suitable for multipoint applications over long cable runs. These devices are characterized from –40°C to
105°C.
For similar features with 3.3 V supply operation, see the SN65HVD1781 (SLLS877).
PRODUCT SELECTION GUIDE
PART NUMBER
DUPLEX
SIGNALING RATE
NODES
CABLE LENGTH
SN65HVD1785
Half
115 kbps
Up to 256
1500 m
SN65HVD1786
Half
1 Mbps
Up to 256
150 m
SN65HVD1787
Half
10 Mbps
Up to 64
50 m
SN65HVD1791
Full
115 kbps
Up to 256
1500 m
SN65HVD1792
Full
1 Mbps
Up to 256
150 m
SN65HVD1793
Full
10 Mbps
Up to 64
50 m
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD1785DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785DG4 TI-SN65HVD1785DG4 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1785DG4 TI-SN65HVD1785DG4 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
More results

Similar Description - SN65HVD1785DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com