Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

127123FR Datasheet(PDF) 1 Page - SUYIN USA, INC.

Part No. 127123FR
Description  1.27X1.27mm DUAL ROW SOCKET RIGHT ANGLE DIP TYPE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUYIN-USA [SUYIN USA, INC.]
Homepage  http://www.suyinusa.com
Logo SUYIN-USA - SUYIN USA, INC.

127123FR Datasheet(HTML) 1 Page - SUYIN USA, INC.

  127123FR Datasheet HTML 1Page - SUYIN USA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.27
mm
41
Specifications:
6-100 Circuits
Insulator material
Max. Processing Temp
Terminal Material
Plating
Max. Current Rating
Voltage Rating
Dielectric Strength
: Black High Temp . Plastic
: Phosphor Bronze
: Selective Plated(Gold/Tin) or
full Gold Plated.
: 1.0A
: 150V AC
: 500V(Min. 60 seconds)
127123FR Series
Mates with SUYIN 127196,127107,127108 Series
Order Information
Recommended P.C.B. Layout
Dimensional Information
SUYIN P/NO.
DIM.A
4.21
5.94
6.75
8.02
9.29
10.56
11.83
13.10
15.64
19.45
21.99
25.80
32.15
38.50
51.20
63.90
DIM.B
2.54
3.81
5.08
6.35
7.62
8.89
10.16
11.43
13.97
17.78
20.32
24.13
30.48
36.83
49.53
62.23
1.27X1.27mm DUAL ROW SOCKET RIGHT ANGLE DIP TYPE
12
3
4 5


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn