Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSO-4812 Datasheet(PDF) 2 Page - Recom International Power

Part # RSO-4812
Description  ECONOLING - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSO-4812 Datasheet(HTML) 2 Page - Recom International Power

  RSO-4812 Datasheet HTML 1Page - Recom International Power RSO-4812 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
EC 35
August 2002
All RSO-XXXX types 10uF, 100V
Philips Part No. 15162109
100uF, 25V
Philips Part No. 13556101
Pin 3 (CTRL)
This pin provides an Off function which puts
the converter into a low power mode. When
the pin is ‘high’ the converter is OFF and
when the pin is high ‘Z’ the converter is ON.
There is no allowed low state for this pin.
Voltage to be applied via a limiting resistor
with a recommended value of 1K for RSO-
05xx; 3.3K for RS-12xx; RS-24xx and 10K
for RS-48xx)
Pin 5 (NE)
This pin is used internally and must have no
external connection.
Pin 8 (Cs)
This pin provides a connection point to the
main reservoir capacitor. Additional capaci-
tance can be added from this to pin 7. Any
low esr capacitor will improve ripple and
noise in some measure. The benefit of this
access point over simple additional output
filter inductor. Maximum values of external
capacitance will be depend on the output
voltage/loading of the converter and the
desired ripple figure. Starting values can be
in the range of 100uF.
ECONOLINE - DC/DC-Converter
RSO Series, 1 Watt, SIP8, Regulated, Isolated (Single Output)
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range
2:1
Output Accuracy
±1% typ.
Rated Power
1 W max.
Isolation Voltage
1kVDC
Ripple & Noise (B/W = 20MHz)
50mV p-p max.
Line Regulation
±0.2% max.
Load Regulation (10% to 100% Load)
±0,5% max.
Switching Frequency at Full Load
85kHz min.
Short Circuit Protection
Continuous
Operating Temperature Range
–40°C to +80°C (see graph)
Storage Temperature Range
–50°C to +125°C
Efficiency
up to 80%
Package Style and Pinning (mm)
12
5
36 7 8
3.20 typ.
0.25±0.05
2.0±0.50
9.20 max.
21.80 max.
0.50±0.05
3.10min.
0.50±0.05
11.10 max.
RSO-0505
RECOM
****
2.54 typ.
2.54
2.54
1.0ø+0.15/–0
Recommended Footprint Details
8 Pin SIP Package Style
Control Pin Input Current:
10mA
Voltage Set Point Accuracy
with external input/output
capacitors refer to
typ. ± 1%
recommended test circuit:
max. ±2%
Control Pin (CTRL) Input
Current, control voltage
applied via 1K resistor,
output voltage must
typ. 3mA
reduce to 0V:
max. 6mA
External capacitance
Although these converter will work without
external capacitors, they are necessary in
order to guarantee the full parametric per-
formance over the full line load range. All
parts have been tested and characterised
using the following recommended values
and test circuit.
2.0
1.5
0.5
1.0
100
50
0
-40
80
125
150
Operating Temperature ˚C
0
Safe Operating Area
0V
D2
VO
External
Cap.
+
Pin 7
CS Pin 8
L1
C6
C5
+
Pin Connections
Pin # Single Description
1
GND
Negative input
2
+Vin
Positive input
3
CTRL
Control input can
(can be left open)
4
Not fitted
5NENo exernal connection
allowed
6+Vout
Positive output
7
OVout
Negative output
8CS
Optional external capacitor
Cin
Cout


Similar Part No. - RSO-4812

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSO-4812/H2 RECOM-RSO-4812/H2 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-4812/H3 RECOM-RSO-4812/H3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-4812D RECOM-RSO-4812D Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-4812D/H2 RECOM-RSO-4812D/H2 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-4812D/H3 RECOM-RSO-4812D/H3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
More results

Similar Description - RSO-4812

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC22-1205SRW RECOM-REC22-1205SRW Datasheet
86Kb / 2P
   ECONOLING - DC/DC - CONVERTER
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com