Electronic Components Datasheet Search |
|
LP2951-33DRG4 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
LP2951-33DRG4 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 28 page LP2950 LP2951 SLVS582F – APRIL 2006 – REVISED DECEMBER 2009 www.ti.com ELECTRICAL CHARACTERISTICS (continued) VIN = VOUT (nominal) + 1 V, IL = 100 μA, CL = 1 μF (5-V versions) or CL = 2.2 μF (3-V and 3.3-V versions), 8-pin version: FEEDBACK tied to VTAP, OUTPUT tied to SENSE, VSHUTDOWN ≤ 0.7 V PARAMETER TEST CONDITIONS TJ MIN TYP MAX UNIT (LP2951-xx) 8-PIN VERSION ONLY ADJ 25°C 1.218 1.235 1.252 –40°C to 125°C 1.212 1.257 Reference voltage V VOUT = VREF to (VIN – 1 V), VIN = 2.3 V to 30 V, –40°C to 125°C 1.200 1.272 IL = 100 μA to 100 mA Reference voltage 25°C 20 ppm/°C temperature coefficient(5) 25°C 20 40 FEEDBACK bias current nA –40°C to 125°C 60 FEEDBACK bias current 25°C 0.1 nA/°C temperature coefficient ERROR COMPARATOR 25°C 0.01 1 Output leakage current VOUT = 30 V μA –40°C to 125°C 2 25°C 150 250 VIN = VOUT(NOM) – 0.5 V, Output low voltage mV IOL = 400 μA –40°C to 125°C 400 25°C 40 60 Upper threshold voltage mV (ERROR output high)(6) –40°C to 125°C 25 25°C 75 95 Lower threshold voltage mV (ERROR output low)(6) –40°C to 125°C 140 Hysteresis(6) 25°C 15 mV SHUTDOWN INPUT Low (regulator ON) 0.7 Input logic voltage –40°C to 125°C V High (regulator OFF) 2 25°C 30 50 VTAP = 2.4 V –40°C to 125°C 100 SHUTDOWN input current μA 25°C 450 600 VTAP = 30 V –40°C to 125°C 750 VSHUTDOWN ≥ 2 V, 25°C 3 10 Regulator output current VIN ≤ 30 V, VOUT = 0, μA in shutdown –40°C to 125°C 20 FEEDBACK tied to VTAP (5) Output or reference voltage temperature coefficient is defined as the worst-case voltage change divided by the total temperature range. (6) Comparator thresholds are expressed in terms of a voltage differential equal to the nominal reference voltage (measured at VIN – VOUT = 1 V) minus FEEDBACK terminal voltage. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = VOUT/VREF = (R1 + R2)/R2. For example, at a programmed output voltage of 5 V, the ERROR output is specified to go low when the output drops by 95 mV × 5 V/1.235 V = 384 mV. Thresholds remain constant as a percentage of VOUT (as VOUT is varied), with the low-output warning occurring at 6% below nominal (typ) and 7.7% (max). 6 Submit Documentation Feedback Copyright © 2006–2009, Texas Instruments Incorporated Product Folder Link(s): LP2950 LP2951 |
Similar Part No. - LP2951-33DRG4 |
|
Similar Description - LP2951-33DRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |