Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV824IDGVR Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV824IDGVR
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV824IDGVR Datasheet(HTML) 1 Page - Texas Instruments

  LMV824IDGVR Datasheet HTML 1Page - Texas Instruments LMV824IDGVR Datasheet HTML 2Page - Texas Instruments LMV824IDGVR Datasheet HTML 3Page - Texas Instruments LMV824IDGVR Datasheet HTML 4Page - Texas Instruments LMV824IDGVR Datasheet HTML 5Page - Texas Instruments LMV824IDGVR Datasheet HTML 6Page - Texas Instruments LMV824IDGVR Datasheet HTML 7Page - Texas Instruments LMV824IDGVR Datasheet HTML 8Page - Texas Instruments LMV824IDGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
www.ti.com
FEATURES
DESCRIPTION/
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN+
VCC+
2IN+
2IN −
2OUT
4OUT
4IN −
4IN+
GND/VCC−
3IN+
3IN −
3OUT
LMV824 . . . D, DGV, OR PW PACKAGE
(TOP VIEW)
LMV822 . . . D OR DGK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
GND/VCC−
VCC+
2OUT
2IN −
2IN +
LMV821 . . . DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
IN +
GND/VCC−
IN −
VCC+
OUT
LMV821 SINGLE, LMV822 DUAL, LMV824 QUAD
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS434I – FEBRUARY 2004 – REVISED JULY 2006
2.5-V, 2.7-V, and 5-V Performance
–40
°C to 125°C Operation
No Crossover Distortion
Low Supply Current at VCC+ = 5 V:
– LMV821
…0.3 mA Typ
– LMV822
…0.5 mA Typ
– LMV824
…1 mA Typ
Rail-to-Rail Output Swing
Gain Bandwidth of 5.5 MHz Typ at 5 V
Slew Rate of 1.9 V/
µs Typ at 5 V
ORDERING INFORMATION
The LMV821 single, LMV822 dual, and LMV824
quad devices are low-voltage (2.5 V to 5.5 V),
low-power
commodity
operational
amplifiers.
Electrical characteristics are very similar to the
LMV3xx operational amplifiers (low supply current,
rail-to-rail outputs, input common-mode range that
includes ground). However, the LMV8xx devices
offer a higher bandwidth (5.5 MHz typical) and faster
slew rate (1.9 V/
µs typical).
The LMV8xx devices are cost-effective solutions for
applications
requiring
low-voltage/low-power
operation and space-saving considerations. The
LMV821 is available in the ultra-small DCK package,
which is approximately half the size of SOT-23-5.
The DCK package saves space on printed circuit
boards and enables the design of small portable
electronic devices (cordless and cellular phones,
laptops, PDAs, PCMIA). It also allows the designer
to place the device closer to the signal source to
reduce noise pickup and increase signal integrity.
The LMV8xx devices are characterized for operation
from –40
°C to 85°C. The LMV8xxI devices are
characterized for operation from –40
°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV824IDGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV824IDGVR TI-LMV824IDGVR Datasheet
658Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV824IDGVRE4 TI-LMV824IDGVRE4 Datasheet
658Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV824IDGVR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com