Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS3M Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # GS3M
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

GS3M Datasheet(HTML) 2 Page - Gulf Semiconductor

  GS3M Datasheet HTML 1Page - Gulf Semiconductor GS3M Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.A7
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES GS3A THRU GS3M


Similar Part No. - GS3M

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
GS3M SY-GS3M Datasheet
994Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Shenzhen Taychipst Elec...
GS3M TAYCHIPST-GS3M Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Shanghai Shunye Electro...
GS3M SHUNYE-GS3M Datasheet
994Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
GS3M SUNMATE-GS3M Datasheet
313Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
GS3M SUNMATE-GS3M Datasheet
955Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
More results

Similar Description - GS3M

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
GS3A-B GULFSEMI-GS3A-B Datasheet
119Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
UF30A GULFSEMI-UF30A Datasheet
214Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
UF5400 GULFSEMI-UF5400 Datasheet
214Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
GS2A GULFSEMI-GS2A Datasheet
164Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
GS1A GULFSEMI-GS1A Datasheet
278Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
GR3A GULFSEMI-GR3A Datasheet
230Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
GU3A GULFSEMI-GU3A Datasheet
213Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
EG1AE GULFSEMI-EG1AE Datasheet
86Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?0.7A
HER301G GULFSEMI-HER301G Datasheet
153Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00 TO 1000V CURRENT竊?3.0A
GS1J-E GULFSEMI-GS1J-E Datasheet
143Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com