Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM0404HD5H-PB Datasheet(PDF) 9 Page - Knowles Electronics

Part # SPM0404HD5H-PB
Description  Mini SiSonic Microphone Specification - Halogen Free
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPM0404HD5H-PB Datasheet(HTML) 9 Page - Knowles Electronics

Back Button SPM0404HD5H-PB Datasheet HTML 2Page - Knowles Electronics SPM0404HD5H-PB Datasheet HTML 3Page - Knowles Electronics SPM0404HD5H-PB Datasheet HTML 4Page - Knowles Electronics SPM0404HD5H-PB Datasheet HTML 5Page - Knowles Electronics SPM0404HD5H-PB Datasheet HTML 6Page - Knowles Electronics SPM0404HD5H-PB Datasheet HTML 7Page - Knowles Electronics SPM0404HD5H-PB Datasheet HTML 8Page - Knowles Electronics SPM0404HD5H-PB Datasheet HTML 9Page - Knowles Electronics SPM0404HD5H-PB Datasheet HTML 10Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SPM0404HD5H-PB
Sheet 9 of 10
Knowles Acoustics, a division of Knowles Electronics, LLC.
Release Level: ACTIVE
Revision: A
Note: After test conditions are performed, the sensitivity of the microphone shall
not deviate more than 3dB from its initial value.
13. RELIABILITY SPECIFICATIONS


Similar Part No. - SPM0404HD5H-PB

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0404HD5-PB KNOWLES-SPM0404HD5-PB Datasheet
806Kb / 10P
   Mini Surface Mount Silicon Microphone
More results

Similar Description - SPM0404HD5H-PB

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0405HE4H KNOWLES-SPM0405HE4H Datasheet
256Kb / 11P
   Halogen Free Enhanced RF Protected Digital Mini SiSonic Microphone Specification
SPM0204LE5H-QB KNOWLES-SPM0204LE5H-QB Datasheet
185Kb / 10P
   Halogen Free Enhanced RF Protected Zero Height Mini??SiSonic??Microphone Specification
logo
List of Unclassifed Man...
SPM0103ND3-2 ETC2-SPM0103ND3-2 Datasheet
325Kb / 10P
   Amplified Mini SiSonic Microphone Specification
logo
Knowles Electronics
SP0204LE5 KNOWLES-SP0204LE5 Datasheet
1Mb / 10P
   ?쏾ero Height??SiSonic??Microphone Specification
logo
List of Unclassifed Man...
SP0103BE3 ETC-SP0103BE3 Datasheet
417Kb / 11P
   Zero Height Amplified SiSonic Microphone Specification
logo
Knowles Electronics
SPM0408HD5H-SB KNOWLES-SPM0408HD5H-SB Datasheet
890Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone Halogen Free
SPM0208HE5 KNOWLES-SPM0208HE5 Datasheet
945Kb / 10P
   Enhanced RF Protected Amplified ?쏮ini??SiSonic??Microphone Specification
SP0208LE5 KNOWLES-SP0208LE5 Datasheet
1Mb / 11P
   Amplified ?쏾ero Height??SiSonic??Microphone with Enhanced RF Specification
SPQ0410HE5H-PB KNOWLES-SPQ0410HE5H-PB Datasheet
897Kb / 10P
   Slim UltraMini SiSonicTM Microphone Specification With Enhanced RF Protection-Halogen Free
SPM0410HR5H-PB KNOWLES-SPM0410HR5H-PB Datasheet
524Kb / 10P
   Mini Surface Mount Silicon Microphone with MAX RF Protection ??Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com