Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP0208LE5 Datasheet(PDF) 4 Page - Knowles Electronics

Part # SP0208LE5
Description  Amplified ?쏾ero Height??SiSonic??Microphone with Enhanced RF Specification
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SP0208LE5 Datasheet(HTML) 4 Page - Knowles Electronics

  SP0208LE5 Datasheet HTML 1Page - Knowles Electronics SP0208LE5 Datasheet HTML 2Page - Knowles Electronics SP0208LE5 Datasheet HTML 3Page - Knowles Electronics SP0208LE5 Datasheet HTML 4Page - Knowles Electronics SP0208LE5 Datasheet HTML 5Page - Knowles Electronics SP0208LE5 Datasheet HTML 6Page - Knowles Electronics SP0208LE5 Datasheet HTML 7Page - Knowles Electronics SP0208LE5 Datasheet HTML 8Page - Knowles Electronics SP0208LE5 Datasheet HTML 9Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Know les Acou st ics, a division of Kn ow les
Elect r onics, LLC.
Revision: B
4 of 11
SP0208LE5
mm
< 0.1
Coplanarity
grams
0.09
Weight
0.10
0.10
0.10
Tol.
(+/-)
mm
3.76
Width
mm
6.15
Length
mm
1.25
Height
Units
Dim.
Item
Function
Pin #
Pin Output
Power
4
Ground
3
Gain Control
2
Output
1
6. MECHANICAL SPECIFICATIONS
(Note: Tolerance +/-0.15mm unless otherwise specified)
4
3
2
1
1
2
3
4


Similar Part No. - SP0208LE5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0201B-ELC-01UTG LITTELFUSE-SP0201B-ELC-01UTG Datasheet
963Kb / 5P
   Enhanced ESD Discrete TVS Series
2016 Littelfuse, Inc
SP0201B-ULC-01UTG LITTELFUSE-SP0201B-ULC-01UTG Datasheet
1Mb / 5P
   TVS Diode Array Ultra Low Capacitance Discrete TVS Series
Revised: 08/22/19
SP0201U-ELC-01UTG LITTELFUSE-SP0201U-ELC-01UTG Datasheet
963Kb / 5P
   Enhanced ESD Discrete TVS Series
2016 Littelfuse, Inc
SP0201U-ULC-01UTG LITTELFUSE-SP0201U-ULC-01UTG Datasheet
1Mb / 5P
   TVS Diode Array Ultra Low Capacitance Discrete TVS Series
Revised: 08/22/19
logo
Knowles Electronics
SP0204LE5 KNOWLES-SP0204LE5 Datasheet
1Mb / 10P
   ?쏾ero Height??SiSonic??Microphone Specification
More results

Similar Description - SP0208LE5

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SP0204LE5 KNOWLES-SP0204LE5 Datasheet
1Mb / 10P
   ?쏾ero Height??SiSonic??Microphone Specification
SPM0208HE5 KNOWLES-SPM0208HE5 Datasheet
945Kb / 10P
   Enhanced RF Protected Amplified ?쏮ini??SiSonic??Microphone Specification
logo
List of Unclassifed Man...
SP0103BE3 ETC-SP0103BE3 Datasheet
417Kb / 11P
   Zero Height Amplified SiSonic Microphone Specification
SPM0103ND3-2 ETC2-SPM0103ND3-2 Datasheet
325Kb / 10P
   Amplified Mini SiSonic Microphone Specification
logo
Knowles Electronics
SPM0204LE5H-QB KNOWLES-SPM0204LE5H-QB Datasheet
185Kb / 10P
   Halogen Free Enhanced RF Protected Zero Height Mini??SiSonic??Microphone Specification
SPM0408LE5H-TB KNOWLES-SPM0408LE5H-TB_13 Datasheet
925Kb / 11P
   Amplified Zero-Height SiSonicTM Microphone With Enhanced RF Protection
SPM0405HE4H KNOWLES-SPM0405HE4H Datasheet
256Kb / 11P
   Halogen Free Enhanced RF Protected Digital Mini SiSonic Microphone Specification
SPM0408HE5H KNOWLES-SPM0408HE5H Datasheet
896Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone with Enhanced RF Protection
SPM0404HD5H-PB KNOWLES-SPM0404HD5H-PB Datasheet
839Kb / 10P
   Mini SiSonic Microphone Specification - Halogen Free
SPM0408HE5H-SB KNOWLES-SPM0408HE5H-SB Datasheet
381Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone with Enhanced RF Protection ??Halogen Free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com