Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R05A05 Datasheet(PDF) 1 Page - Recom International Power

Part # R05A05
Description  EUROLINE- DC/DC - CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R05A05 Datasheet(HTML) 1 Page - Recom International Power

  R05A05 Datasheet HTML 1Page - Recom International Power R05A05 Datasheet HTML 2Page - Recom International Power R05A05 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
EU 11
EUROLINE - DC/DC-Converter
RxxA and RxxB Series, 1 Watt, DIP14/SIP7, 1kVDC Isolation (Dual Output)
Wide Temperature Performance at
full 1 Watt Load, –40°C to +85°C
Industry Standard Pinout
1kVDC Isolation
Efficiency to 78%
UL 94V-O Package Material
Internal SMD Construction
MTTF up to 2.1 Million Hours
Features
Selection Guide 5V and 12V, input types
Part Number
Nom. Input
Rated Output
Rated Output
Input Current
Efficiency
Isolation
Package
Voltage
Voltage
Voltage
Current
at Rated Load
Capacitance
Style
(VDC)
(VDC)
(mA)
(mA)
(%)
(pF)
R05A05
5
±5
±100
289
69
28
R05A09
5
±9
±55
270
75
32
DIP14
R05A12
5
±12
±42
266
77
34
R05A15
5
±15
±33
263
78
36
R05B05
5
±5
±100
289
69
28
R05B09
5
±9
±55
270
75
32
SIP7
R05B12
5
±12
±42
266
77
34
R05B15
5
±15
±33
263
78
36
R12A05
12
±5
±100
120
69
33
R12A09
12
±9
±55
113
74
46
DIP14
R12A12
12
±12
±42
111
75
55
R12A15
12
±15
±33
110
76
54
R12B05
12
±5
±100
120
69
33
R12B09
12
±9
±55
113
74
46
SIP7
R12B12
12
±12
±42
111
75
55
R12B15
12
±15
±33
110
76
54
Absolute Maximum Ratings
Input Voltage V
IN 5V types
7V
Input Voltage V
IN 12V types
15V
Short Circuit Duration 1)
1s
Internal Power Dissipation
450mW
Lead Temperature (1.5 mm from case for 10 seconds)
300 °C
1). Supply voltage must be discontinued at the end of the short circuit duration.


Similar Part No. - R05A05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R05 ETC2-R05 Datasheet
616Kb / 2P
   Miniature Circular Connectors
logo
Recom International Pow...
R05-100B RECOM-R05-100B Datasheet
90Kb / 3P
   High Output Voltage DIP24 converter
logo
Ohmite Mfg. Co.
R05-1R OHMITE-R05-1R Datasheet
798Kb / 2P
   35 Watts TO-220 High Power Resistors
logo
Magnetrol International...
R05-510A-330 MAGNETROL-R05-510A-330 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
logo
List of Unclassifed Man...
R05-CR1 ETC-R05-CR1 Datasheet
1Mb / 8P
   Miniature Circular Connectors
More results

Similar Description - R05A05

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R05N05 RECOM-R05N05 Datasheet
97Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SDH05 RECOM-R05SDH05 Datasheet
124Kb / 2P
   EUROLINE - DC/DC - CONVERTER
RXXJ05 RECOM-RXXJ05 Datasheet
117Kb / 4P
   EUROLINE - DC/DC - CONVERTER
R05C05 RECOM-R05C05 Datasheet
99Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SS05 RECOM-R05SS05 Datasheet
119Kb / 3P
   EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05105 RECOM-R05105 Datasheet
86Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R12P3.3D RECOM-R12P3.3D Datasheet
90Kb / 2P
   EUROLINE DC/DC-Converter
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com