Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR101G Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # FR101G
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

FR101G Datasheet(HTML) 1 Page - Gulf Semiconductor

  FR101G Datasheet HTML 1Page - Gulf Semiconductor FR101G Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
FR101G THRU FR107G
FAST
RECOVERY
GLASS PASSIVATED RECTIFIER
VOLTAGE:50 TO 1000V
CURRENT:1.0A
FEATURE
DO- 41\DO-204AL
Molded case feature for auto insertion
High current capability
Low leakage current
High surge capability
High temperature soldering guaranteed
Fast switching for high efficiency
Glass passivated junction
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
FR1
01G
FR1
02G
FR1
03G
FR1
04G
FR1
05G
FR1
06G
FR1
07G
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =75
°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
1.3
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
5.0
100.0
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
150
250
500
nS
Typical Junction Capacitance
(Note 2)
Cj
15.0
pF
Typical Thermal Resistance
(Note 3)
R(ja)
50.0
°C/W
Storage and Operating Junction Temperature
Tstg,Tj
-50 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 0.375”lead length, P.C. Board Mounted


Similar Part No. - FR101G

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
FR101G SHUNYE-FR101G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Rectron Semiconductor
FR101G RECTRON-FR101G Datasheet
257Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Microdiode Electronics ...
FR101G CHENDA-FR101G Datasheet
665Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
FR101G WTE-FR101G Datasheet
55Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
SeCoS Halbleitertechnol...
FR101G SECOS-FR101G Datasheet
174Kb / 2P
   1.0 A, Glass Passivated Fast Rectifiers
More results

Similar Description - FR101G

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
RGPP1A GULFSEMI-RGPP1A Datasheet
424Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FR101G-E GULFSEMI-FR101G-E Datasheet
103Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.0A
RGPP3A GULFSEMI-RGPP3A Datasheet
400Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1F1G GULFSEMI-1F1G Datasheet
146Kb / 2P
   FAST RECOVERY GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
BA157G GULFSEMI-BA157G Datasheet
78Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 400 TO 1000V CURRENT: 1.0A
RGPP2A GULFSEMI-RGPP2A Datasheet
110Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
G6A GULFSEMI-G6A Datasheet
835Kb / 2P
   MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
GPP1A GULFSEMI-GPP1A Datasheet
84Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FR301G GULFSEMI-FR301G Datasheet
68Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
RGPP15A GULFSEMI-RGPP15A Datasheet
81Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com