Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FR101G-E Datasheet(PDF) 1 Page - Gulf Semiconductor

Part No. FR101G-E
Description  FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GULFSEMI [Gulf Semiconductor]
Homepage  http://www.gulfsemi.com
Logo 

FR101G-E Datasheet(HTML) 1 Page - Gulf Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR101G-E THRU FR107G-E
FAST
RECOVERY
GLASS PASSIVATED RECTIFIER
VOLTAGE: 50 to 1000V
CURRENT: 1.0A
FEATURE
DO- 41\DO-204AL
Molded case feature for auto insertion
High current capability
Low leakage current
High surge capability
High temperature soldering guaranteed
Fast switching for high efficiency
Glass passivated junction
Halogen Free
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Halogen Free
Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
FR10
1G-E
FR10
2G-E
FR10
3G-E
FR10
4G-E
FR10
5G-E
FR10
6G-E
FR10
7G-E
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
3/8”lead length at Ta =75
°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Forward Voltage at rated Forward
Current and 25
°C
Vf
1.3
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =100℃
Ir
5.0
100.0
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
150
250
500
nS
Typical Junction Capacitance
(Note 2)
Cj
15.0
pF
Typical Thermal Resistance
(Note 3)
Rth(ja)
50.0
℃/W
Storage and Operating Junction Temperature
Tstg,Tj
-50 to +150
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 0.375”lead length, P.C. Board Mounted
Rev.A1
www.gulfsemi.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn