Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FERP15K Datasheet(PDF) 1 Page - Gulf Semiconductor

Part No. FERP15K
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 800V CURRENT: 15.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

FERP15K Datasheet(HTML) 1 Page - Gulf Semiconductor

  FERP15K Datasheet HTML 1Page - Gulf Semiconductor FERP15K Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
FERP15K
Ultra fast Plastic Power Rectifiers
VOLTAGE: 800V
CURRENT: 15.0A
FEATURE
ITO-220AB
• Plastic package has Underwriters Laboratories Flammability
Classification 94V-0
• Ideally suited for use in very high frequency switching power supplies,
inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
• High voltage and high reliability
• High speed switching
MECHANICAL DATA
Case: JEDEC ITO-220AB molded plastic body over passivated chip
Terminals: Plated Insert leads, solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
FERP15K
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
800
V
Maximum RMS Voltage
Vrms
560
V
Maximum DC blocking Voltage
Vdc
800
V
Maximum Average Forward Rectified
at Tc =100
°C
If(av)
15.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
120
A
Maximum Forward Voltage at Forward
Current 7.5A and 25
°C
Vf
2.2
V
Maximum Reverse Recovery Time
(Note 1)
Trr
70
nS
Typical thermal resistance junction to case
Rth(jc)
5.0
°C/W
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10.0
100.0
µA
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
°C
Note:
Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn