Electronic Components Datasheet Search |
|
CTMD3J-6P4BAU1500 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd. |
|
CTMD3J-6P4BAU1500 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd. |
|
1 / 1 page Sockets and Connectors SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Trading Division Cable Assemblies for Standard MiniDIN MiniDIN Series Ordering Code Type 1 (Moulded) Type 4 (Moulded) Type 5 (Mounted) 1st End 2nd End ∅ 12.0 CTMD 5 P J – 1 S AO 1500 5 Male or Female 3 to 9 pins Min. Order Qty. 100 pcs. Round Type (std.) Male or Female 3 to 9 pins Min. Order Qty. 100 pcs. Conical Type Male 3 to 8 pins Female 8 pins only Min. Order Qty. 100 pcs. ‘Quick Lock’ Housing Housing Types MiniDIN Cable Assembly Pin Count (1st End): 3,4,5,6,7,8 and 9 Connector Type (1st End): P = Male J = Female Pin Count (2nd End): 3,4,5,6,7,8 and 9 0 = Open End Connector Type (2nd End): P = Male J = Female O = Open End (Cut Off) V = Open End, Jacket Stripped 40mm, Wire Ends Twisted and Tinned 5mm Housing Types (See Drawings Below): 1 = Type 1 (Standard) 4 = Type 4 5 = Type 5 (Male with 3 to 8 pins and Female with 8 pins only) Colour Code: S = Black (Standard) G = Grey B = Beige Cable (Shielding and UL-Approval): AO = AWG26 (Standard) with Alu-foil, without UL-Approval AX = AWG24 or AWG28 with Alu-foil, without UL-Approval AU = AWG24, 26 or 28 with Alu-foil, with UL-Approval CU = AWG24, 26 or 28 with Cu braided Shield and with Alu-foil, with UL-Approval OO = AWG 24, 26 or 28 Unshielded, without UL-Approval Info: Shielded cabels always come with Drain Wire! OO = Minimum Ordering Length for Cable is 3,000 meters All others = Minimum Ordering Length for Cable 1,000 meters Overall Length RoHS |
Similar Part No. - CTMD3J-6P4BAU1500 |
|
Similar Description - CTMD3J-6P4BAU1500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |