Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8432DKD Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8432DKD
Description  Dual Full Bridge PWM Motor Driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8432DKD Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8432DKD Datasheet HTML 7Page - Texas Instruments DRV8432DKD Datasheet HTML 8Page - Texas Instruments DRV8432DKD Datasheet HTML 9Page - Texas Instruments DRV8432DKD Datasheet HTML 10Page - Texas Instruments DRV8432DKD Datasheet HTML 11Page - Texas Instruments DRV8432DKD Datasheet HTML 12Page - Texas Instruments DRV8432DKD Datasheet HTML 13Page - Texas Instruments DRV8432DKD Datasheet HTML 14Page - Texas Instruments DRV8432DKD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DRV8412
DRV8432
www.ti.com
SLES242C – DECEMBER 2009 – REVISED MAY 2010
Bootstrap Capacitor Under Voltage Protection
ERROR REPORTING
When the device runs at a low switching frequency
The FAULT and OTW pins are both active-low,
(e.g. less than 10 kHz with a 100-nF bootstrap
open-drain
outputs.
Their
function
is
for
capacitor), the bootstrap capacitor voltage might not
protection-mode signaling to a PWM controller or
be able to maintain a proper voltage level for the
other system-control device.
high-side
gate
driver.
A
bootstrap
capacitor
Any fault resulting in device shutdown, such as
undervoltage
protection
circuit
(BST_UVP)
will
overtemperatue shut down, overcurrent shut-down, or
prevent potential failure of the high-side MOSFET.
undervoltage protection, is signaled by the FAULT pin
When the voltage on the bootstrap capacitors is less
going low. Likewise, OTW goes low when the device
than the required value for safe operation, the
junction temperature exceeds 125°C (see Table 1).
DRV8412/32 will initiate bootstrap capacitor recharge
sequences (turn off high side FET for a short period)
Table 1. Protection Mode Signal Descriptions
until the bootstrap capacitors are properly charged for
safe operation. This function may also be activated
FAULT
OTW
DESCRIPTION
when PWM duty cycle is too high (e.g. less than 20
0
0
Overtemperature warning and
ns off time at 10 kHz). Note that bootstrap capacitor
(overtemperature shut down or overcurrent
shut down or undervoltage protection) occurred
might not be able to be charged if no load or
extremely light load is presented at output during
0
1
Overcurrent shut-down or GVDD undervoltage
protection occurred
BST_UVP operation, so it is recommended to turn on
the low side FET for at least 50 ns for each PWM
1
0
Overtemperature warning
cycle to avoid BST_UVP operation if possible.
1
1
Device under normal operation
For applications with lower than 10 kHz switching
TI recommends monitoring the OTW signal using the
frequency and not to trigger BST_UVP protection, a
system microcontroller and responding to an OTW
larger bootstrap capacitor can be used (e.g., 1 µF
signal by reducing the load current to prevent further
cap for 800 Hz operation). When using a bootstrap
heating
of
the
device
resulting
in
device
cap larger than 220 nF, it is recommended to add 5
Ω
overtemperature shutdown (OTSD).
resistors between 12V GVDD power supply and
GVDD_X pins to limit the inrush current on the
To reduce external component count, an internal
internal bootstrap circuitry.
pullup resistor to VREG (3.3 V) is provided on both
FAULT and OTW outputs. Level compliance for 5-V
Overcurrent (OC) Protection
logic can be obtained by adding external pull-up
resistors to 5 V (see the Electrical Characteristics
The DRV8412/32 have independent, fast-reacting
section of this data sheet for further specifications).
current detectors with programmable trip threshold
(OC
threshold)
on
all
high-side
and
low-side
DEVICE PROTECTION SYSTEM
power-stage FETs. There are two settings for OC
protection
through
mode
selection
pins:
The
DRV8412/32
contain
advanced
protection
cycle-by-cycle (CBC) current limiting mode and OC
circuitry
carefully
designed
to
facilitate
system
latching (OCL) shut down mode.
integration and ease of use, as well as to safeguard
the device from permanent failure due to a wide
In CBC current limiting mode, the detector outputs
range of fault conditions such as short circuits,
are monitored by two protection systems. The first
overcurrent, overtemperature, and undervoltage. The
protection system controls the power stage in order to
DRV8412/32 respond to a fault by immediately
prevent the output current from further increasing,
setting the half bridge outputs in a high-impedance
i.e., it performs a CBC current-limiting function rather
(Hi-Z) state and asserting the FAULT pin low. In
than prematurely shutting down the device. This
situations other than overcurrent or overtemperature,
feature could effectively limit the inrush current during
the device automatically recovers when the fault
motor start-up or transient without damaging the
condition has been removed or the gate supply
device. During short to power and short to ground
voltage has increased. For highest possible reliability,
conditions, the current limit circuitry might not be able
reset the device externally no sooner than 1 second
to control the current to a proper level, a second
after
the
shutdown
when
recovering
from
an
protection system triggers a latching shutdown,
overcurrent shut down (OCSD) or OTSD fault.
resulting in the related half bridge being set in the
high-impedance (Hi-Z) state. Current limiting and
overcurrent
protection
are
independent
for
half-bridges A, B, C, and, D, respectively.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DRV8412 DRV8432


Similar Part No. - DRV8432DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8432 TI-DRV8432 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Full Bridge PWM Motor Driver
DRV8432 TI1-DRV8432 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Full Bridge PWM Motor Driver
DRV8432 TI-DRV8432_15 Datasheet
1Mb / 42P
[Old version datasheet]   DRV84x2 Dual Full-Bridge PWM Motor Driver
More results

Similar Description - DRV8432DKD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com