Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8718SPAG Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8718SPAG
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8718SPAG Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8718SPAG Datasheet HTML 3Page - Texas Instruments DAC8718SPAG Datasheet HTML 4Page - Texas Instruments DAC8718SPAG Datasheet HTML 5Page - Texas Instruments DAC8718SPAG Datasheet HTML 6Page - Texas Instruments DAC8718SPAG Datasheet HTML 7Page - Texas Instruments DAC8718SPAG Datasheet HTML 8Page - Texas Instruments DAC8718SPAG Datasheet HTML 9Page - Texas Instruments DAC8718SPAG Datasheet HTML 10Page - Texas Instruments DAC8718SPAG Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
DAC8718
www.ti.com
SBAS467A – MAY 2009 – REVISED DECEMBER 2009
ELECTRICAL CHARACTERISTICS: Single-Supply
All specifications at TA = TMIN to TMAX, AVDD = +32V, AVSS = 0V, IOVDD = DVDD = +5V, REF-A and REF-B = +5V, gain = 6,
AGND-x = DGND = 0V, data format = straight binary, and OFFSET-A = OFFSET-B = AGND, unless otherwise noted.
DAC8718
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
16
Bits
Linearity error
Measured by line passing through codes 0100h and FFFFh
±4
LSB
Differential linearity error
Measured by line passing through codes 0100h and FFFFh
±1
LSB
TA = +25°C, before user calibration, gain = 6, code = 0100h
±10
LSB
Unipolar zero error
TA = +25°C, before user calibration, gain = 4, code = 0100h
±15
LSB
TA = +25°C, after user calib., gain = 4 or 6, code = 0100h
±1
LSB
Unipolar zero error TC
Gain = 4 or 6, code = 0100h
±0.5
±3
ppm FSR/°C
TA = +25°C, gain = 6
±10
LSB
Gain error
TA = +25°C, gain = 4
±15
LSB
Gain error TC
Gain = 4 or 6
±1
±3
ppm FSR/°C
TA = +25°C, before user calibration, gain = 6, code = FFFFh
±10
LSB
Full-scale error
TA = +25°C, before user calibration, gain = 4, code = FFFFh
±15
LSB
TA = +25°C, after user calib., gain = 4 or 6, code = FFFFh
±1
LSB
Full-scale error TC
Gain = 4 or 6, code = FFFFh
±0.5
±3
ppm FSR/°C
Measured channel at code = 8000h, full-scale change on any
DC crosstalk(2)
0.2
LSB
other channel
ANALOG OUTPUT (VOUT-0 to VOUT-7)
(3)
VREF = +5V
0
+30
V
Voltage output(4)
VREF = +1.5V
0
+9
V
Output impedance
Code = 8000h
0.5
Short-circuit current(5)
±8
mA
Load current
See Figure 84 and Figure 85
±3
mA
TA = +25°C, device operating for 500 hours, full-scale output
3.4
ppm of FSR
Output drift vs time
TA = +25°C, device operating for 1000 hours, full-scale output
4.3
ppm of FSR
Capacitive load stability
500
pF
To 0.03% of FSR, CL = 200pF, RL= 10kΩ, code from 0100h to
10
μs
FFFFh and FFFFh to 0100h
To 1 LSB, CL = 200pF, RL = 10kΩ, code from 0100h to FFFFh
Settling time
15
μs
and FFFFh to 0100h
To 1 LSB, CL = 200pF, RL = 10kΩ, code from 7F00h to 8100h
6
μs
and 8100h to 7F00h
Slew rate(6)
6
V/
μs
Power-on delay(7)
From IOVDD ≥ +1.8V and DVDD ≥ +2.7V to CS low
200
μs
Power-down recovery time
90
μs
Digital-to-analog glitch(8)
Code from 7FFFh to 8000h and 8000h to 7FFFh
4
nV-s
Glitch impulse peak amplitude
Code from 7FFFh to 8000h and 8000h to 7FFFh
5
mV
Channel-to-channel isolation(9)
VREF = 4VPP, f = 1kHz
88
dB
(1)
Gain = 4 and TC specified by design and characterization.
(2)
The DAC outputs are buffered by op amps that share common AVDD and AVSS power supplies. DC crosstalk indicates how much dc
change in one or more channel outputs may occur when the dc load current changes in one channel (because of an update). With
high-impedance loads, the effect is virtually immeasurable. Multiple AVDD and AVSS terminals are provided to minimize dc crosstalk.
(3)
Specified by design.
(4)
The analog output range of VOUT-0 to VOUT-7 is equal to (6 × VREF) for gain = 6. The maximum value of the analog output must not be
greater than (AVDD – 0.5V). All specifications are for a +32V power supply and a 0V to +30V output, unless otherwise noted.
(5)
When the output current is greater than the specification, the current is clamped at the specified maximum value.
(6)
Slew rate is measured from 10% to 90% of the transition when the output changes from 0 to full-scale.
(7)
Power-on delay is defined as the time from when the supply voltages reach the specified conditions to when CS goes low, for valid
digital communication.
(8)
Digital-to-analog glitch is defined as the amount of energy injected into the analog output at the major code transition. It is specified as
the area of the glitch in nV-s. It is measured by toggling the DAC register data between 7FFFh and 8000h in straight binary format.
(9)
Channel-to-channel isolation refers to the ratio of the signal amplitude at the output of one DAC channel to the amplitude of the
sinusoidal signal on the reference input of another DAC channel. It is expressed in dB and measured at midscale.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC8718


Similar Part No. - DAC8718SPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8718SPAG TI-DAC8718SPAG Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718SPAG TI-DAC8718SPAG Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718SPAGR TI-DAC8718SPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718SPAGR TI-DAC8718SPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8718SPAG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718_10 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI-DAC8218 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI1-DAC7718_14 Datasheet
1Mb / 64P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI-DAC7718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI1-DAC8218_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI1-DAC8728_14 Datasheet
1Mb / 56P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728 TI-DAC8728 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
   Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com