Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJPFR22KF Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELJPFR22KF
Description  High Power Type PF, PE, PC, PA, PB
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPFR22KF Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELJPFR22KF Datasheet HTML 1Page - Panasonic Semiconductor ELJPFR22KF Datasheet HTML 2Page - Panasonic Semiconductor ELJPFR22KF Datasheet HTML 3Page - Panasonic Semiconductor ELJPFR22KF Datasheet HTML 4Page - Panasonic Semiconductor ELJPFR22KF Datasheet HTML 5Page - Panasonic Semiconductor ELJPFR22KF Datasheet HTML 6Page - Panasonic Semiconductor ELJPFR22KF Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
2.0 to 2.6
0.8 to1.0
1.6
0.8
0.3
0.3
PE Type 1608 (0603)
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
Standard Packing Quantity
3000 pcs./Reel
Standard Parts (E12 Series)
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPE2N2KFA
2.2
K : ± 10 %
100
8
100
6000
0.030
2100
ELJPE2N7KFA
2.7
85500
0.030
2100
ELJPE3N3KFA
3.3
8
5500
0.040
2100
ELJPE3N9KFA
3.9
9
5200
0.040
2100
ELJPE4N7KFA
4.7
9
4800
0.050
2100
ELJPE5N6KFA
5.6
9
4600
0.055
2100
ELJPE6N8KFA
6.8
94000
0.055
1900
ELJPE8N2KFA
8.2
93500
0.060
1700
ELJPE10NKFA
10
9
2800
0.065
1400
ELJPE12NKFA
12
9
2500
0.080
1300
ELJPE15NKFA
15
9
2200
0.100
900
ELJPE18NKFA
18
9
2000
0.120
800
ELJPE22NKFA
22
9
1800
0.150
700
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Oct. 2006


Similar Part No. - ELJPFR22KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPF PANASONIC-ELJPF Datasheet
138Kb / 5P
   Chip Inductors High Power Type
ELJPF10NJF PANASONIC-ELJPF10NJF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJPF10NJFB PANASONIC-ELJPF10NJFB Datasheet
236Kb / 7P
   Fixed Inductors (Chip Inductors)
ELJPF10NJFB PANASONIC-ELJPF10NJFB Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJPF10NJFB PANASONIC-ELJPF10NJFB Datasheet
138Kb / 5P
   Chip Inductors High Power Type
More results

Similar Description - ELJPFR22KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPF2N2DF PANASONIC-ELJPF2N2DF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJ-LA4R7KF PANASONIC-ELJ-LA4R7KF Datasheet
134Kb / 7P
   4. High Power Type PF, PE, PC, PA, PB, LC, LA
logo
List of Unclassifed Man...
PA277Y ETC2-PA277Y Datasheet
80Kb / 4P
   PA and PB Series Panel Protection Devices
logo
Eudyna Devices Inc
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
   2W GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
   1W GaAs Power FET (Pb-Free Type)
P0120002P EUDYNA-P0120002P Datasheet
840Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
   1.5W GaAs Power FET (Pb-Free Type)
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
   800mW GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
   250mW GaAs Power FET (Pb-Free Type)
logo
LIGITEK electronics co....
L8Y8G55162-PF LIGITEK-L8Y8G55162-PF Datasheet
126Kb / 7P
   Pb BIPOLAR TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com