Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 23Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 24Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 25Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 26Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 27Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 28Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 29Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 30Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554D – MAY 2009 – REVISED JULY 2010
TA1
TA1 is a 16-bit timer/counter (Timer_A type) with three capture/compare registers. TA1 can support multiple
capture/compares, PWM outputs, and interval timing. TA1 also has extensive interrupt capabilities. Interrupts
may be generated from the counter on overflow conditions and from each of the capture/compare registers.
Table 12. TA1 Signal Connections
DEVICE OUTPUT
MODULE OUTPUT
SIGNAL
DEVICE INPUT SIGNAL
MODULE INPUT NAME
MODULE BLOCK
SIGNAL
PZ
PM_TA1CLK
TACLK
ACLK (internal)
ACLK
Timer
NA
SMCLK (internal)
SMCLK
RFCLK/192(1)
INCLK
PM_TA1CCR0A
CCI0A
PM_TA1CCR0A
RF Async. Output
CCI0B
RF Async. Input (internal)
(internal)
CCR0
TA0
DVSS
GND
DVCC
VCC
PM_TA1CCR1A
CCI1A
PM_TA1CCR1A
CBOUT (internal)
CCI1B
CCR1
TA1
DVSS
GND
DVCC
VCC
PM_TA1CCR2A
CCI2A
PM_TA1CCR2A
ACLK (internal)
CCI2B
CCR2
TA2
DVSS
GND
DVCC
VCC
(1)
If a different RFCLK divider setting is selected for a radio GDO output, this divider setting is also used for the Timer_A INCLK.
Real-Time Clock (RTC_A)
The RTC_A module can be used as a general-purpose 32-bit counter (counter mode) or as an integrated
real-time clock (RTC) (calendar mode). In counter mode, the RTC_A also includes two independent 8-bit timers
that can be cascaded to form a 16-bit timer/counter. Both timers can be read and written by software. Calendar
mode integrates an internal calendar which compensates for months with less than 31 days and includes leap
year correction. The RTC_A also supports flexible alarm functions and offset-calibration hardware.
REF Voltage Reference
The reference module (REF) is responsible for generation of all critical reference voltages that can be used by
the various analog peripherals in the device. These include the ADC12_A, LCD_B, and COMP_B modules.
LCD_B (Only CC430F613x and CC430F612x)
The LCD_B driver generates the segment and common signals required to drive a Liquid Crystal Display (LCD).
The LCD_B controller has dedicated data memories to hold segment drive information. Common and segment
signals are generated as defined by the mode. Static, 2-mux, 3-mux, and 4-mux LCDs are supported. The
module can provide a LCD voltage independent of the supply voltage with its integrated charge pump. It is
possible to control the level of the LCD voltage and thus contrast by software. The module also provides an
automatic blinking capability for individual segments.
Comparator_B
The primary function of the Comparator_B module is to support precision slope analog-to-digital conversions,
battery voltage supervision, and monitoring of external analog signals.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
27


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn