Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 15Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 16Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 17Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 18Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 19Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 20Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 21Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 22Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554D – MAY 2009 – REVISED JULY 2010
JTAG Operation
JTAG Standard Interface
The CC430 family supports the standard JTAG interface which requires four signals for sending and receiving
data. The JTAG signals are shared with general-purpose I/O. The TEST/SBWTCK pin is used to enable the
JTAG signals. In addition to these signals, the RST/NMI/SBWTDIO is required to interface with MSP430
development tools and device programmers. The JTAG pin requirements are shown in Table 5. For further
details on interfacing to development tools and device programmers, see the MSP430 Hardware Tools User's
Guide, literature number SLAU278.
Table 5. JTAG Pin Requirements and Functions
DEVICE SIGNAL
Direction
FUNCTION
PJ.3/TCK
IN
JTAG clock input
PJ.2/TMS
IN
JTAG state control
PJ.1/TDI/TCLK
IN
JTAG data input/TCLK input
PJ.0/TDO
OUT
JTAG data output
TEST/SBWTCK
IN
Enable JTAG pins
RST/NMI/SBWTDIO
IN
External reset
VCC
Power supply
VSS
Ground supply
Spy-Bi-Wire Interface
In addition to the standard JTAG interface, the CC430 family supports the two wire Spy-Bi-Wire interface.
Spy-Bi-Wire can be used to interface with MSP430 development tools and device programmers. The Spy-Bi-Wire
interface pin requirements are shown in Table 6. For further details on interfacing to development tools and
device programmers, see the MSP430 Hardware Tools User's Guide, literature number SLAU278.
Table 6. Spy-Bi-Wire Pin Requirements and Functions
DEVICE SIGNAL
Direction
FUNCTION
TEST/SBWTCK
IN
Spy-Bi-Wire clock input
RST/NMI/SBWTDIO
IN, OUT
Spy-Bi-Wire data input/output
VCC
Power supply
VSS
Ground supply
Flash Memory
The flash memory can be programmed via the JTAG port, Spy-Bi-Wire (SBW), or in-system by the CPU. The
CPU can perform single-byte, single-word, and long-word writes to the flash memory. Features of the flash
memory include:
Flash memory has n segments of main memory and four segments of information memory (Info A to Info D)
of 128 bytes each. Each segment in main memory is 512 bytes in size.
Segments 0 to n may be erased in one step, or each segment may be individually erased.
Segments Info A to Info D can be erased individually, or as a group with the main memory segments.
Segments Info A to Info D are also called information memory.
Segment A can be locked separately.
RAM Memory
The RAM memory is made up of n sectors. Each sector can be completely powered down to save leakage,
however all data is lost. Features of the RAM memory include:
RAM memory has n sectors of 2k bytes each.
Each sector 0 to n can be complete disabled, however data retention is lost.
Each sector 0 to n automatically enters low power retention mode when possible.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL