Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 85 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 81Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 82Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 83Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 84Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 85Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 86Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 87Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 88Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 118 page
background image
-120
-100
-80
-60
-40
-20
0
-120
-100
-80
-60
-40
-20
0
Input Pow er [dBm ]
1.2kBaud
38.4kBaud
-120
-100
-80
-60
-40
-20
0
-120
-100
-80
-60
-40
-20
0
Input Pow er [dBm ]
250kBaud
500kBaud
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554D – MAY 2009 – REVISED JULY 2010
Typical RSSI_offset Values
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1)
RSSI_OFFSET (dB)
DATA RATE (kBaud)
433 MHz
868 MHz
1.2
74
74
38.4
74
74
250
74
74
500
74
74
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 46).
Figure 26. Typical RSSI Value vs Input Power Level for Different Data Rates at 868 MHz
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
85


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn