Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 81 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 77Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 78Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 79Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 80Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 81Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 82Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 83Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 84Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554D – MAY 2009 – REVISED JULY 2010
RF Transmit
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1)
PTX = +10 dBm (unless otherwise noted)
FREQUENCY
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(MHz)
315
122 + j31
Differential load
433
116 + j41
Ω
impedance(2)
868/915
86.5 + j43
315
+12
433
+13
Output power, highest
Delivered to a 50
Ω single-ended load via CC430
dBm
setting(3)
reference design's RF matching network
868
+11
915
+11
Output power, lowest
Delivered to a 50
Ω single-ended load via CC430
-30
dBm
setting(3)
reference design's RF matching network
Second harmonic
-56
433
Third harmonic
-57
Second harmonic
-50
Harmonics,
868
dBm
radiated(4)(5)(6)
Third harmonic
-52
Second harmonic
-50
915
Third harmonic
-54
Frequencies below 960 MHz
< -38
315
+10 dBm CW
Frequencies above 960 MHz
< -48
Frequencies below 1 GHz
-45
433
+10 dBm CW
Frequencies above 1 GHz
< -48
Harmonics, conducted
dBm
Second harmonic
-59
868
+10 dBm CW
Other harmonics
< -71
Second harmonic
-53
915
+11 dBm CW(7)
Other harmonics
< -47
Frequencies below 960 MHz
< -58
315
+10 dBm CW
Frequencies above 960 MHz
< -53
Frequencies below 1 GHz
< -54
Frequencies above 1 GHz
< -54
433
+10 dBm CW
Frequencies within 47 to 74, 87.5 to
< -63
Spurious emissions,
118, 174 to 230, 470 to 862 MHz
conducted, harmonics
dBm
Frequencies below 1 GHz
< -46
not included(8)
Frequencies above 1 GHz
< -59
868
+10 dBm CW
Frequencies within 47 to 74, 87.5 to
< -56
118, 174 to 230, 470 to 862 MHz
Frequencies below 960 MHz
< -49
915
+11 dBm CW
Frequencies above 960 MHz
< -63
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 46).
(2)
Differential impedance as seen from the RF-port (RF_P and RF_N) towards the antenna. Follow the CC430 reference designs available
from the TI website.
(3)
Output power is programmable, and full range is available in all frequency bands. Output power may be restricted by regulatory limits.
See also Application Note AN050 Using the CC1101 in the European 868MHz SRD Band, literature number SWRA146 and Design
Note DN013 Programming Output Power on CC1101, literature number SWRA168, which gives the output power and harmonics when
using multi-layer inductors. The output power is then typically +10 dBm when operating at 868/915 MHz.
(4)
The antennas used during the radiated measurements (SMAFF-433 from R.W.Badland and Nearson S331 868/915) play a part in
attenuating the harmonics.
(5)
Measured on EM430F6137RF900 with CW, maximum output power
(6)
All harmonics are below -41.2 dBm when operating in the 902 – 928 MHz band.
(7)
Requirement is -20 dBc under FCC 15.247
(8)
All radiated spurious emissions are within the limits of ETSI. Also see Design Note DN017 CC11xx 868/915 MHz RF Matching, literature
number SWRA168.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
81


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn