Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC430F5135IRGZ Datasheet(HTML) 80 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 80 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554D – MAY 2009 – REVISED JULY 2010
www.ti.com
Typical Sensitivity, 315 MHz, Sensitivity Optimized Setting
VCC
2.0 V
3.0 V
3.6 V
PARAMETER
DATA RATE (kBaud)
UNIT
TA
-40°C
25°C
85°C
-40°C
25°C
85°C
-40°C
25°C
85°C
1.2
-112
-112
-110
-112
-111
-109
-112
-111
-108
Sensitivity,
38.4
-105
-105
-104
-105
-103
-102
-105
-104
-102
dBm
315MHz
250
-95
-95
-92
-94
-95
-92
-95
-94
-91
Typical Sensitivity, 433 MHz, Sensitivity Optimized Setting
VCC
2.0 V
3.0 V
3.6 V
PARAMETER
DATA RATE (kBaud)
UNIT
TA
-40°C
25°C
85°C
-40°C
25°C
85°C
-40°C
25°C
85°C
1.2
-111
-110
-108
-111
-111
-108
-111
-110
-107
Sensitivity,
38.4
-104
-104
-101
-104
-104
-101
-104
-103
-101
dBm
433MHz
250
-93
-94
-91
-93
-93
-90
-93
-93
-90
Typical Sensitivity, 868 MHz, Sensitivity Optimized Setting
VCC
2.0 V
3.0 V
3.6 V
PARAMETER
DATA RATE (kBaud)
UNIT
TA
-40°C
25°C
85°C
-40°C
25°C
85°C
-40°C
25°C
85°C
1.2
-109
-109
-107
-109
-109
-106
-109
-108
-106
38.4
-102
-102
-100
-102
-102
-99
-102
-101
-99
Sensitivity,
dBm
868MHz
250
-90
-90
-88
-89
-90
-87
-89
-90
-87
500
-84
-84
-81
-84
-84
-80
-84
-84
-80
Typical Sensitivity, 915 MHz, Sensitivity Optimized Setting
VCC
2.0 V
3.0 V
3.6 V
PARAMETER
DATA RATE (kBaud)
UNIT
TA
-40°C
25°C
85°C
-40°C
25°C
85°C
-40°C
25°C
85°C
1.2
-109
-109
-107
-109
-109
-106
-109
-108
-105
38.4
-102
-102
-100
-102
-102
-99
-103
-102
-99
Sensitivity,
dBm
915MHz
250
-92
-92
-89
-92
-92
-88
-92
-92
-88
500
-87
-86
-81
-86
-86
-81
-86
-85
-80
80
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn