Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 78 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 74Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 75Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 76Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 77Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 78Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 79Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 80Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 81Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 118 page
background image
-20
-10
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
10
20
30
40
Offset [MHz]
-10
0
10
20
30
40
50
60
-1
-0.8 -0.6 -0.4 -0.2
0
0.2
0.4 0.6
0.8
1
Offset [MHz]
-20
-10
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
10
20
30
40
Offset [MHz]
-20
-10
0
10
20
30
40
50
-1
-0.8 -0.6 -0.4 -0.2
0
0.2
0.4 0.6
0.8
1
Offset [MHz]
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554D – MAY 2009 – REVISED JULY 2010
www.ti.com
NOTE: 868.3 MHz, 2-FSK, 5.2-kHz deviation, IF frequency is 152.3 kHz, digital channel filter bandwidth is 58 kHz
Figure 22. Typical Selectivity at 1.2-kBaud Data Rate
NOTE: 868 MHz, 2-FSK, 20 kHz deviation, IF frequency is 152.3 kHz, digital channel filter bandwidth is 100 kHz
Figure 23. Typical Selectivity at 38.4-kBaud Data Rate
78
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn