Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC430F5135IRGZ Datasheet(HTML) 77 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 77 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554D – MAY 2009 – REVISED JULY 2010
RF Receive, 868/915 MHz
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1)
1% packet error rate, 20-byte packet length, Sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF = 0 (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0.6-kBaud data rate, 2-FSK, 14.3-kHz deviation, 58-kHz digital channel filter bandwidth (unless otherwise noted)
Receiver sensitivity
-115
dBm
1.2-kBaud data rate, 2-FSK, 5.2-kHz deviation, 58-kHz digital channel filter bandwidth (unless otherwise noted)
-109
Receiver sensitivity(2)
dBm
2-GFSK modulation by setting MDMCFG2.MOD_FORMAT=2,
-109
Gaussian filter with BT = 0.5
Saturation
FIFOTHR.CLOSE_IN_RX=0(3)
-28
dBm
-100-kHz offset
39
Adjacent channel
Desired channel 3 dB above the sensitivity limit,
dB
rejection
100 kHz channel spacing(4)
+100-kHz offset
39
IF frequency 152 kHz, desired channel 3 dB above
Image channel rejection
29
dB
the sensitivity limit
±2 MHz offset
-48
dBm
Blocking
Desired channel 3 dB above the sensitivity limit(5)
±10 MHz offset
-40
dBm
38.4-kBaud data rate, 2-FSK, 20-kHz deviation, 100-kHz digital channel filter bandwidth (unless otherwise noted)
Receiver sensitivity(6)
-102
dBm
2-GFSK modulation by setting MDMCFG2.MOD_FORMAT = 2,
-101
Gaussian filter with BT = 0.5
Saturation
FIFOTHR.CLOSE_IN_RX=0(3)
-19
dBm
Adjacent channel
Desired channel 3 dB above the sensitivity limit,
-200-kHz offset
20
dB
rejection
200 kHz channel spacing(5)
+200-kHz offset
25
Image channel rejection
IF frequency 152 kHz, Desired channel 3 dB above the sensitivity limit
23
dB
Blocking
Desired channel 3 dB above the sensitivity limit(5)
±2-MHz offset
-48
dBm
±10-MHz offset
-40
dBm
250-kBaud data rate, 2-FSK, 127-kHz deviation, 540-kHz digital channel filter bandwidth (unless otherwise noted)
Receiver sensitivity (7)
-90
dBm
2-GFSK modulation by setting MDMCFG2.MOD_FORMAT = 2,
-90
Gaussian filter with BT = 0.5
Saturation
FIFOTHR.CLOSE_IN_RX=0(3)
-19
dBm
Adjacent channel
Desired channel 3 dB above the sensitivity limit,
-750-kHz offset
24
dB
rejection
750-kHz channel spacing(8)
+750-kHz offset
30
Image channel rejection
IF frequency 304 kHz, Desired channel 3 dB above the sensitivity limit
18
dB
Blocking
Desired channel 3 dB above the sensitivity limit(8)
±2-MHz offset
-53
dBm
±10-MHz offset
-39
dBm
500-kBaud data rate, MSK, 812-kHz digital channel filter bandwidth (unless otherwise noted)
Receiver sensitivity(7)
-84
dBm
Image channel rejection
IF frequency 355 kHz, Desired channel 3 dB above the sensitivity limit
-2
dB
Blocking
Desired channel 3 dB above the sensitivity limit(9)
±2-MHz offset
-53
dBm
±10-MHz offset
-38
dBm
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 46).
(2)
Sensitivity can be traded for current consumption by setting MDMCFG2.DEM_DCFILT_OFF=1. The typical current consumption is then
reduced by about 2mA close to the sensitivity limit. The sensitivity is typically reduced to -107dBm
(3)
See Design Note DN010 Close-in Reception with CC1101, literature number SWRA147.
(4)
See Figure 22 for blocking performance at other offset frequencies.
(5)
See Figure 23 for blocking performance at other offset frequencies.
(6)
Sensitivity can be traded for current consumption by setting MDMCFG2.DEM_DCFILT_OFF=1. The typical current consumption is then
reduced by about 2mA close to the sensitivity limit. The sensitivity is typically reduced to -100dBm.
(7)
MDMCFG2.DEM_DCFILT_OFF = 1 cannot be used for data rates
≥ 250kBaud.
(8)
See Figure 24 for blocking performance at other offset frequencies.
(9)
See Figure 25 for blocking performance at other offset frequencies.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
77


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn