Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 76 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 72Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 73Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 74Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 75Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 76Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 77Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 78Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 79Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554D – MAY 2009 – REVISED JULY 2010
www.ti.com
RF Receive, Overall
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital channel filter bandwidth(2)
58
812
kHz
25 MHz to 1 GHz
-68
-57
Spurious emissions(3) (4)
dBm
Above 1 GHz
-66
-47
RX latency
Serial operation(5)
9
bit
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 46).
(2)
User programmable. The bandwidth limits are proportional to crystal frequency (given values assume a 26.0 MHz crystal)
(3)
Typical radiated spurious emission is -49 dBm measured at the VCO frequency
(4)
Maximum figure is the ETSI EN 300 220 limit
(5)
Time from start of reception until data is available on the receiver data output pin is equal to 9 bit.
RF Receive, 315 MHz
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1)
2-FSK, 1% packet error rate, 20-byte packet length, Sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF = 0 (unless
otherwise noted)
DATA RATE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(kBaud)
0.6
14.3kHz deviation, 58kHz digital channel filter bandwidth
-117
1.2
5.2kHz deviation, 58kHz digital channel filter bandwidth(2)
-111
Receiver sensitivity
38.4
20kHz deviation, 100kHz digital channel filter bandwidth(3)
-103
dBm
250
127kHz deviation, 540kHz digital channel filter bandwidth (4)
-95
500
MSK, 812kHz digital channel filter bandwidth(4)
-86
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 46).
(2)
Sensitivity can be traded for current consumption by setting MDMCFG2.DEM_DCFILT_OFF=1. The typical current consumption is then
reduced by about 2mA close to the sensitivity limit. The sensitivity is typically reduced to -109dBm.
(3)
Sensitivity can be traded for current consumption by setting MDMCFG2.DEM_DCFILT_OFF=1. The typical current consumption is then
reduced by about 2mA close to the sensitivity limit. The sensitivity is typically reduced to -102dBm.
(4)
MDMCFG2.DEM_DCFILT_OFF=1 can not be used for data rates
≥ 250kBaud.
RF Receive, 433 MHz
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1)
2-FSK, 1% packet error rate, 20-byte packet length, Sensitivity optimized, MDMCFG2.DEM_DCFILT_OFF = 0 (unless
otherwise noted)
DATA RATE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(kBaud)
0.6
14.3kHz deviation, 58kHz digital channel filter bandwidth
-114
1.2
5.2-kHz deviation, 58-kHz digital channel filter bandwidth(2)
-111
38.4
20-kHz deviation, 100-kHz digital channel filter bandwidth(3)
-104
Receiver sensitivity
dBm
127-kHz deviation, 540-kHz digital channel filter bandwidth
250
-93
(4)
500
MSK, 812kHz digital channel filter bandwidth(4)
-85
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 46).
(2)
Sensitivity can be traded for current consumption by setting MDMCFG2.DEM_DCFILT_OFF=1. The typical current consumption is then
reduced by about 2mA close to the sensitivity limit. The sensitivity is typically reduced to -109dBm.
(3)
Sensitivity can be traded for current consumption by setting MDMCFG2.DEM_DCFILT_OFF=1. The typical current consumption is then
reduced by about 2mA close to the sensitivity limit. The sensitivity is typically reduced to -101dBm.
(4)
MDMCFG2.DEM_DCFILT_OFF=1 can not be used for data rates
≥ 250kBaud.
76
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn