Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 68Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 69Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 70Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 71Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 72Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 73Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 74Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 75Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554D – MAY 2009 – REVISED JULY 2010
www.ti.com
Current Consumption, Receive Mode
TA = 25°C, VCC = 3 V (unless otherwise noted)
(1) (2)
DATA
FREQ
PARAMETER
RATE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(MHz)
(kBaud)
Input at -100 dBm (close to
17
sensitivity limit)
1.2
Input at -40 dBm (well above
16
sensitivity limit)
Input at -100 dBm (close to
17
Register settings
sensitivity limit)
315
38.4
optimized for reduced
Input at -40 dBm (well above
current
16
sensitivity limit)
Input at -100 dBm (close to
18
sensitivity limit)
250
Input at -40 dBm (well above
16.5
sensitivity limit)
Input at -100 dBm (close to
18
sensitivity limit)
1.2
Input at -40 dBm (well above
17
sensitivity limit)
Input at -100 dBm (close to
18
Current
Register settings
sensitivity limit)
consumption,
433
38.4
optimized for reduced
mA
Input at -40 dBm (well above
RX
current
17
sensitivity limit)
Input at -100 dBm (close to
18.5
sensitivity limit)
250
Input at -40 dBm (well above
17
sensitivity limit)
Input at -100 dBm (close to
16
sensitivity limit)
1.2
Input at -40 dBm (well above
15
sensitivity limit)
Input at -100 dBm (close to
16
Register settings
sensitivity limit)
868, 915
38.4
optimized for reduced
Input at -40 dBm (well above
current(3)
15
sensitivity limit)
Input at -100 dBm (close to
16
sensitivity limit)
250
Input at -40 dBm (well above
15
sensitivity limit)
(1)
All measurement results are obtained using the EM430F6137RF900 with BOM according to tested frequency range (see Table 46).
(2)
Reduced current setting (MDMCFG2.DEM_DCFILT_OFF = 1) gives a slightly lower current consumption at the cost of a reduction in
sensitivity. See tables "RF Receive" for additional details on current consumption and sensitivity.
(3)
For 868/915 MHz, see Figure 21 for current consumption with register settings optimized for sensitivity.
72
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn