Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC430F5135IRGZ Datasheet(HTML) 69 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 69 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554D – MAY 2009 – REVISED JULY 2010
Comparator B
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC
Supply voltage
1.8
3.6
V
1.8 V
40
CBPWRMD = 00
2.2 V
30
50
Comparator operating supply
IAVCC_COMP
current into AVCC, Excludes
3.0 V
40
65
µA
reference resistor ladder
CBPWRMD = 01
2.2/3.0 V
10
30
CBPWRMD = 10
2.2/3.0 V
0.1
0.5
Quiescent current of local
IAVCC_REF
reference voltage amplifier into
CBREFACC = 1, CBREFLx = 01
22
µA
AVCC
VIC
Common mode input range
0
VCC-1
V
CBPWRMD = 00
±20
mV
VOFFSET
Input offset voltage
CBPWRMD = 01, 10
±10
mV
CIN
Input capacitance
5
pF
ON - switch closed
3
4
k
Ω
RSIN
Series input resistance
OFF - switch opened
30
M
Ω
CBPWRMD = 00, CBF = 0
450
ns
tPD
Propagation delay, response time
CBPWRMD = 01, CBF = 0
600
ns
CBPWRMD = 10, CBF = 0
50
µs
CBPWRMD = 00, CBON = 1,
0.35
0.6
1.0
µs
CBF = 1, CBFDLY = 00
CBPWRMD = 00, CBON = 1,
0.6
1.0
1.8
µs
CBF = 1, CBFDLY = 01
Propagation delay with filter
tPD,filter
active
CBPWRMD = 00, CBON = 1,
1.0
1.8
3.4
µs
CBF = 1, CBFDLY = 10
CBPWRMD = 00, CBON = 1,
1.8
3.4
6.5
µs
CBF = 1, CBFDLY = 11
Comparator enable time, settling
CBON = 0 to CBON = 1,
tEN_CMP
1
2
µs
time
CBPWRMD = 00, 01, 10
tEN_REF
Resistor reference enable time
CBON = 0 to CBON = 1
0.3
1.5
µs
VIN = reference into resistor ladder,
VCB_REF
Reference voltage for a given tap
VIN × (n+1) / 32
V
n = 0 to 31
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
69


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn