Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 58Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 59Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 60Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 61Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 62Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 63Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 64Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 65Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 118 page
background image
SDA
SCL
t
HD,DAT
t
SU,DAT
t
HD,STA
t
HIGH
t
LOW
t
BUF
t
HD,STA
t
SU,STA
t
SP
t
SU,STO
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554D – MAY 2009 – REVISED JULY 2010
www.ti.com
USCI (I2C Mode)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 19)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Internal: SMCLK, ACLK
fUSCI
USCI input clock frequency
External: UCLK
fSYSTEM
MHz
Duty cycle = 50% ± 10%
fSCL
SCL clock frequency
2.2 V/3 V
0
400
kHz
fSCL ≤ 100 kHz
4.0
tHD,STA
Hold time (repeated) START
2.2 V/3 V
µs
fSCL > 100 kHz
0.6
fSCL ≤ 100 kHz
4.7
tSU,STA
Setup time for a repeated START
2.2 V/3 V
µs
fSCL > 100 kHz
0.6
tHD,DAT
Data hold time
2.2 V/3 V
0
ns
tSU,DAT
Data setup time
2.2 V/3 V
250
ns
fSCL ≤ 100 kHz
4.0
tSU,STO
Setup time for STOP
2.2 V/3 V
µs
fSCL > 100 kHz
0.6
2.2 V
50
600
tSP
Pulse width of spikes suppressed by input filter
ns
3 V
50
600
Figure 19. I2C Mode Timing
62
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn