Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 55 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 51Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 52Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 53Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 54Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 55Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 56Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 57Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 58Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554D – MAY 2009 – REVISED JULY 2010
PMM, SVM High Side
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SVMHE = 0, DVCC = 3.6 V
0
nA
I(SVMH)
SVMH current consumption
SVMHE= 1, DVCC = 3.6 V, SVMHFP = 0
200
nA
SVMHE = 1, DVCC = 3.6 V, SVMHFP = 1
1.5
µA
SVMHE = 1, SVSMHRRL = 0
1.60
1.70
1.80
SVMHE = 1, SVSMHRRL = 1
1.80
1.90
2.00
SVMHE = 1, SVSMHRRL = 2
2.00
2.10
2.20
SVMHE = 1, SVSMHRRL = 3
2.10
2.20
2.30
V(SVMH)
SVMH on/off voltage level
(1)
SVMHE = 1, SVSMHRRL = 4
2.25
2.35
2.50
V
SVMHE = 1, SVSMHRRL = 5
2.52
2.65
2.78
SVMHE = 1, SVSMHRRL = 6
2.85
3.00
3.15
SVMHE = 1, SVSMHRRL = 7
2.85
3.00
3.15
SVMHE = 1, SVMHOVPE = 1
3.75
SVMHE = 1, dVDVCC/dt = 10 mV/µs,
2.5
SVMHFP = 1
tpd(SVMH)
SVMH propagation delay
µs
SVMHE = 1, dVDVCC/dt = 1 mV/µs,
20
SVMHFP = 0
SVMHE = 0
→ 1, dVDVCC/dt = 10 mV/µs,
12.5
SVMHFP = 1
t(SVMH)
SVMH on/off delay time
µs
SVMHE = 0
→ 1, dVDVCC/dt = 1 mV/µs,
100
SVMHFP = 0
(1)
The SVMH settings available depend on the VCORE (PMMCOREVx) setting. See the Power Management Module and Supply Voltage
Supervisor chapter in the CC430 Family User's Guide (SLAU259) on recommended settings and usage.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
55


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn