Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 53 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 49Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 50Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 51Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 52Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 53Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 54Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 55Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 56Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554D – MAY 2009 – REVISED JULY 2010
PMM, Brown-Out Reset (BOR)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BORH on voltage,
V(DVCC_BOR_IT–)
| dDVCC/dt | < 3 V/s
1.45
V
DVCC falling level
BORH off voltage,
V(DVCC_BOR_IT+)
| dDVCC/dt | < 3 V/s
0.80
1.30
1.50
V
DVCC rising level
V(DVCC_BOR_hys)
BORH hysteresis
60
250
mV
Pulse length required at
tRESET
RST/NMI pin to accept a
2
µs
reset
PMM, Core Voltage
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Core voltage, active
VCORE3(AM)
2.4 V
≤ DVCC ≤ 3.6 V
1.90
V
mode, PMMCOREV = 3
Core voltage, active
VCORE2(AM)
2.2 V
≤ DVCC ≤ 3.6 V
1.80
V
mode, PMMCOREV = 2
Core voltage, active
VCORE1(AM)
2.0 V
≤ DVCC ≤ 3.6 V
1.60
V
mode, PMMCOREV = 1
Core voltage, active
VCORE0(AM)
1.8 V
≤ DVCC ≤ 3.6 V
1.40
V
mode, PMMCOREV = 0
Core voltage, low-current
VCORE3(LPM)
2.4 V
≤ DVCC ≤ 3.6 V
1.94
V
mode, PMMCOREV = 3
Core voltage, low-current
VCORE2(LPM)
2.2 V
≤ DVCC ≤ 3.6 V
1.84
V
mode, PMMCOREV = 2
Core voltage, low-current
VCORE1(LPM)
2.0 V
≤ DVCC ≤ 3.6 V
1.64
V
mode, PMMCOREV = 1
Core voltage, low-current
VCORE0(LPM)
1.8 V
≤ DVCC ≤ 3.6 V
1.44
V
mode, PMMCOREV = 0
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
53


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn