Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 51 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 47Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 48Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 49Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 50Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 51Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 52Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 53Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 54Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554D – MAY 2009 – REVISED JULY 2010
Internal Very-Low-Power Low-Frequency Oscillator (VLO)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fVLO
VLO frequency
Measured at ACLK
1.8 V to 3.6 V
6
9.4
14
kHz
dfVLO/dT
VLO frequency temperature drift
Measured at ACLK(1)
1.8 V to 3.6 V
0.5
%/°C
dfVLO/dVCC VLO frequency supply voltage drift
Measured at ACLK(2)
1.8 V to 3.6 V
4
%/V
Duty cycle
Measured at ACLK
1.8 V to 3.6 V
40
50
60
%
(1)
Calculated using the box method: (MAX(-40 to 85°C) – MIN(-40 to 85°C)) / MIN(-40 to 85°C) / (85°C – (–40°C))
(2)
Calculated using the box method: (MAX(1.8 to 3.6 V) – MIN(1.8 to 3.6 V)) / MIN(1.8 to 3.6 V) / (3.6 V – 1.8 V)
Internal Reference, Low-Frequency Oscillator (REFO)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
IREFO
REFO oscillator current consumption TA = 25°C
1.8 V to 3.6 V
3
µA
fREFO
REFO frequency calibrated
Measured at ACLK
1.8 V to 3.6 V
32768
Hz
Full temperature range
1.8 V to 3.6 V
±3.5
%
REFO absolute tolerance calibrated
TA = 25°C
3 V
±1.5
%
dfREFO/dT
REFO frequency temperature drift
Measured at ACLK(1)
1.8 V to 3.6 V
0.01
%/°C
dfREFO/dVCC
REFO frequency supply voltage drift
Measured at ACLK(2)
1.8 V to 3.6 V
1.0
%/V
Duty cycle
Measured at ACLK
1.8 V to 3.6 V
40
50
60
%
tSTART
REFO startup time
40%/60% duty cycle
1.8 V to 3.6 V
25
µs
(1)
Calculated using the box method: (MAX(-40 to 85°C) – MIN(-40 to 85°C)) / MIN(-40 to 85°C) / (85°C – (–40°C))
(2)
Calculated using the box method: (MAX(1.8 to 3.6 V) – MIN(1.8 to 3.6 V)) / MIN(1.8 to 3.6 V) / (3.6 V – 1.8 V)
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
51


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn