Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 49 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 45Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 46Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 47Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 48Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 49Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 50Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 51Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 52Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
3.5
VOL - Low -Level Output Voltage - V
VCC = 3.0 V
P4.3
TA = 25°C
TA = 85°C
0
5
10
15
20
25
0
0.5
1
1.5
2
VOL - Low -Level Output Voltage - V
VDD = 5.5 V
VCC = 1.8 V
P4.3
TA = 25°C
TA = 85°C
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
VOH - High-Level Output Voltage - V
VCC = 3.0 V
VCC = 3.0 V
P4.3
TA = 25°C
TA = 85°C
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
VOH - High-Level Output Voltage - V
VDD = 5.5 V
VDD = 5.5 V
VCC = 1.8 V
P4.3
TA = 25°C
TA = 85°C
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554D – MAY 2009 – REVISED JULY 2010
Typical Characteristics - Outputs, Full Drive Strength (PxDS.y = 1)
TYPICAL LOW-LEVEL OUTPUT CURRENT
TYPICAL LOW-LEVEL OUTPUT CURRENT
vs
vs
LOW-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
Figure 10.
Figure 11.
TYPICAL HIGH-LEVEL OUTPUT CURRENT
TYPICAL HIGH-LEVEL OUTPUT CURRENT
vs
vs
HIGH-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
Figure 12.
Figure 13.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
49


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn