Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC430F5135IRGZ Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part No. CC430F5135IRGZ
Description  MSP430 SoC with RF Core
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F5135IRGZ Datasheet(HTML) 45 Page - Texas Instruments

Back Button CC430F5135IRGZ Datasheet HTML 41Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 42Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 43Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 44Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 45Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 46Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 47Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 48Page - Texas Instruments CC430F5135IRGZ Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 118 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554D – MAY 2009 – REVISED JULY 2010
Low-Power Mode with LCD Supply Currents (Into VCC) Excluding External Current
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(1) (2)
Temperature (TA)
PARAMETER
VCC
PMMCOREVx
-40°C
25°C
60°C
85°C
UNIT
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
0
2.2
2.4
3.5
4.9
Low-power mode 3
ILPM3
1
2.3
2.5
3.7
5.3
(LPM3) current, LCD
LCD,
3.0 V
µA
4-mux mode, external
2
2.4
2.6
3.9
5.6
ext. bias
biasing(3) (4)
3
2.4
2.6
4.0
5.8
0
3.1
3.3
4.0
4.3
5.8
7.4
Low-power mode 3
ILPM3
(LPM3) current, LCD
1
3.2
3.4
4.5
6.2
LCD,
4-mux mode, internal
3.0 V
µA
2
3.3
3.5
4.7
6.5
int. bias
biasing, charge pump
disabled(3) (5)
3
3.3
3.5
4.3
4.8
6.7
8.9
0
4.0
2.2 V
1
4.1
Low-power mode 3
2
4.2
(LPM3) current, LCD
ILPM3
4-mux mode, internal
0
4.2
µA
LCD,CP
biasing, charge pump
1
4.3
enabled(3) (6)
3.0 V
2
4.5
3
4.5
(1)
All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
The currents are characterized with a Micro Crystal MS1V-T1K crystal with a load capacitance of 12.5 pF. The internal and external load
capacitance are chosen to closely match the required 12.5 pF.
(3)
Current for watchdog timer and RTC clocked by ACLK included. ACLK = low frequency crystal operation (XTS = 0, XT1DRIVEx = 0).
CPUOFF = 1, SCG0 = 1, SCG1 = 1, OSCOFF = 0 (LPM3); fACLK = 32768 Hz, fMCLK = fSMCLK = fDCO = 0 MHz
Current for brownout, high side supervisor (SVSH) normal mode included. Low side supervisor and monitors disabled (SVSL, SVML).
High side monitor disabled (SVMH). RAM retention enabled.
(4)
LCDMx = 11 (4-mux mode), LCDREXT=1, LCDEXTBIAS=1 (external biasing), LCD2B=0 (1/3 bias), LCDCPEN=0 (charge pump
disabled), LCDSSEL=0, LCDPREx=101, LCDDIVx=00011 (fLCD = 32768 Hz/32/4 = 256 Hz)
Current through external resistors not included (voltage levels are supplied by test equipment).
Even segments S0, S2,...=0, odd segments S1, S3,...=1. No LCD panel load.
(5)
LCDMx = 11 (4-mux mode), LCDREXT=0, LCDEXTBIAS=0 (internal biasing), LCD2B=0 (1/3 bias), LCDCPEN=0 (charge pump
disabled), LCDSSEL=0, LCDPREx=101, LCDDIVx=00011 (fLCD = 32768 Hz/32/4 = 256 Hz)
Even segments S0, S2,...=0, odd segments S1, S3,...=1. No LCD panel load.
(6)
LCDMx = 11 (4-mux mode), LCDREXT=0, LCDEXTBIAS=0 (internal biasing), LCD2B=0 (1/3 bias), LCDCPEN=1 (charge pump
enabled), VLCDx=1000 (VLCD= 3 V typ.), LCDSSEL=0, LCDPREx=101, LCDDIVx=00011 (fLCD = 32768 Hz/32/4 = 256 Hz)
Even segments S0, S2,...=0, odd segments S1, S3,...=1. No LCD panel load.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
45


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn